Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR500 Datasheet(PDF) 6 Page - Kemet Corporation

Part # GR500
Description  HIGH RELIABILITY SOLID TANTALUM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

GR500 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button GR500 Datasheet HTML 2Page - Kemet Corporation GR500 Datasheet HTML 3Page - Kemet Corporation GR500 Datasheet HTML 4Page - Kemet Corporation GR500 Datasheet HTML 5Page - Kemet Corporation GR500 Datasheet HTML 6Page - Kemet Corporation GR500 Datasheet HTML 7Page - Kemet Corporation GR500 Datasheet HTML 8Page - Kemet Corporation GR500 Datasheet HTML 9Page - Kemet Corporation GR500 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
GR500/T210
KEMET Electronics Corporation • P.O. Box 5928 • Greenville, S.C. 29606 • 864/963-6300
6
®
KEMET
NOMINAL
MAXIMUM
MAXIMUM
ESR
CAPACI-
GRADED
LEAKAGE CURRENT
DISSIPATION FACTOR
MAXIMUM
TANCE
CASE
PART NUMBER
FAILURE
AT RATED VOLTS
(%) AT 120 Hz
OHMS
(µF) 25°C
SIZE
RATES
100 kHz
120 Hz
+25°C
+25°C
+85°C
+125°C
-55°
+85°C
(µA)
(µA)
(µA)
+25°C
+125°C
NOMINAL
MAXIMUM
MAXIMUM
ESR
CAPACI-
GRADED
LEAKAGE CURRENT
DISSIPATION FACTOR
MAXIMUM
TANCE
CASE
PART NUMBER
FAILURE
AT RATED VOLTS
(%) AT 120 Hz
OHMS
(µF) 25°C
SIZE
RATES
100 kHz
120 Hz
+25°C
+25°C
+85°C
+125°C
-55°
+85°C
(µA)
(µA)
(µA)
+25°C
+125°C
DETAIL SPECIFICATION
GR500/T210 Capacitors
50 VOLT RATING AT 85°C—33 VOLT RATING AT 125°C (CONT’D.)
0.68
A
T210A684(1)050(2)S
R,S
0.1
1.0
1.25
2.0
4.0
1.80
0.82
A
T210A824(1)050(2)S
P,R
0.1
1.0
1.25
2.0
4.0
1.60
1.0
A
T210A105(1)050(2)S
P,R
0.1
1.0
1.25
2.0
4.0
1.40
1.2
B
T210B125(1)050(2)S
R,S
0.25
2.5
3.13
2.0
4.0
1.20
1.5
B
T210B155(1)050(2)S
R,S
0.25
2.5
3.13
2.0
4.0
1.10
1.8
B
T210B185(1)050(2)S
R,S
0.25
2.5
3.13
2.0
4.0
0.92
2.2
B
T210B225(1)050(2)S
R,S
0.25
2.5
3.13
2.0
4.0
0.80
2.7
B
T210B275(1)050(2)S
P,R
0.25
2.5
3.13
2.0
4.0
0.68
3.3
B
T210B335(1)050(2)S
P,R
0.5
5.0
6.25
2.0
4.0
0.62
3.9
B
T210B395(1)050(2)S
P,R
0.5
5.0
6.25
2.0
4.0
0.56
4.7
B
T210B475(1)050(2)S
M,P
0.5
5.0
6.25
2.0
4.0
0.51
5.6
C
T210C565(1)050(2)S
P,R
1.5
15.0
18.75
3.0
4.0
0.44
6.8
C
T210C685(1)050(2)S
P,R
1.5
15.0
18.75
3.0
5.0
0.40
8.2
C
T210C825(1)050(2)S
P,R
1.5
15.0
18.75
3.0
5.0
0.36
10.0
C
T210C106(1)050(2)S
P,R
1.5
15.0
18.75
3.0
5.0
0.33
12.0
C
T210C126(1)050(2)S
M,P
1.5
15.0
18.75
3.0
5.0
0.30
15.0
C
T210C156(1)050(2)S
M,P
1.5
15.0
18.75
3.0
5.0
0.27
18.0
C
T210C186(1)050(2)S
M,P
1.5
15.0
18.75
3.0
5.0
0.25
22.0
D
T210D226(1)050(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.20
75 VOLT RATING AT 85°C—50 VOLT RATING AT 125°C
0.0047
A
T210A472(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
30.00
0.0056
A
T210A562(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
28.00
0.0068
A
T210A682(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
26.00
0.0082
A
T210A822(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
24.00
0.01
A
T210A103(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
22.00
0.012
A
T210A123(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
20.00
0.015
A
T210A153(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
18.00
0.018
A
T210A183(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
16.00
0.022
A
T210A223(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
14.00
0.027
A
T210A273(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
13.00
0.033
A
T210A333(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
12.00
0.039
A
T210A393(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
11.00
0.047
A
T210A473(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
10.00
0.056
A
T210A563(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
9.00
0.068
A
T210A683(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
8.00
0.082
A
T210A823(1)075(2)S
P,R
0.1
1.0
1.25
2.0
4.0
7.50
0.1
A
T210A104(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
7.00
0.12
A
T210A124(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
6.50
0.15
A
T210A154(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
4.40
0.18
A
T210A184(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
4.00
0.22
A
T210A224(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
3.50
0.27
A
T210A274(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
3.10
0.33
A
T310A334(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
2.80
0.39
A
T310A394(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
2.60
0.47
A
T210A474(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
2.40
0.56
A
T210A564(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
2.25
0.68
A
T210A684(1)075(2)S
M,P
0.25
2.5
3.13
2.0
4.0
2.10
0.82
B
T210B824(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
1.47
1.0
B
T210B105(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
1.40
1.2
B
T210B125(1)075(2)S
P,R
0.25
2.5
3.13
2.0
4.0
1.33
1.5
B
T210B155(1)075(2)S
P,R
0.5
5.0
6.25
2.0
4.0
1.06
75 VOLT RATING AT 85°C—50 VOLT RATING AT 125°C (CONT’D.)
1.8
B
T210B185(1)075(2)S
P,R
0.5
5.0
6.25
2.0
4.0
0.92
2.2
B
T210B225(1)075(2)S
P,R
0.5
5.0
6.25
2.0
4.0
0.80
2.7
B
T210B275(1)075(2)S
M,P
0.5
5.0
6.25
2.0
4.0
0.68
3.3
B
T210B335(1)075(2)S
M,P
0.75
7.5
9.40
2.0
4.0
0.62
3.9
B
T210B395(1)075(2)S
M,P
0.75
7.5
9.40
2.0
4.0
0.56
4.7
C
T210C475(1)075(2)S
P,R
1.5
15.0
18.75
3.0
4.0
0.47
5.6
C
T210C565(1)075(2)S
P,R
1.5
15.0
18.75
3.0
4.0
0.44
6.8
C
T210C685(1)075(2)S
M,P
2.0
20.0
25.00
3.0
4.0
0.44
8.2
C
T210C825(1)075(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.36
10.0
C
T210C106(1)075(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.33
12.0
D
T210D126(1)075(2)S
M,P
2.5
25.0
31.25
3.0
5.0
0.26
15.0
D
T210D156(1)075(2)S
M,P
2.5
25.0
31.25
3.0
5.0
0.23
100 VOLT RATING AT 85°C—67 VOLT RATING AT 125°C
0.0047
A
T210A472(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
30.00
0.0056
A
T210A562(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
28.00
0.0068
A
T210A682(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
26.00
0.0082
A
T210A822(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
24.00
0.01
A
T210A103(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
22.00
0.012
A
T210A123(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
20.00
0.015
A
T210A153(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
18.00
0.018
A
T210A183(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
16.00
0.022
A
T210A223(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
14.00
0.027
A
T210A273(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
13.00
0.033
A
T210A333(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
12.00
0.039
A
T210A393(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
11.00
0.047
A
T210A473(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
10.00
0.056
A
T210A563(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
9.00
0.068
A
T210A683(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
8.00
0.082
A
T210A823(1)100(2)S
M,P
0.1
1.0
1.25
2.0
4.0
7.50
0.1
A
T210A104(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
7.00
0.12
A
T210A124(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
6.50
0.15
A
T210A154(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
4.40
0.18
A
T210A184(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
4.00
0.22
A
T210A224(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
3.50
0.27
A
T2l0A274(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
3.10
0.33
A
T210A334(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
2.80
0.39
A
T210A394(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
2.60
0.47
A
T210A474(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
2.40
0.56
A
T210A564(1)100(2)S
M.P
0.25
2.5
3.13
2.0
4.0
2.25
0.68
B
T210B684(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
2.10
0.82
B
T210B824(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
1.47
1.0
B
T210B105(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
1.40
1.2
B
T210B125(1)100(2)S
M,P
0.25
2.5
3.13
2.0
4.0
1.33
1.5
B
T210B155(1)100(2)S
M,P
0.5
5.0
6.25
2.0
4.0
1.06
1.8
B
T210B185(1)100(2)S
M,P
0.5
5.0
6.25
2.0
4.0
0.92
2.2
B
T210B225(1)100(2)S
M,P
0.5
5.0
6.25
2.0
4.0
0.80
2.7
B
T210B275(1)100(2)S
M,P
0.5
5.0
6.25
2.0
4.0
0.68
3.3
C
T210C335(1)100(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.62
3.9
C
T210C395(1)100(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.56
4.7
C
T210C475(1)100(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.47
5.6
C
T210C565(1)100(2)S
M,P
2.0
20.0
25.00
3.0
5.0
0.44
6.8
C
T210C685(1)100(2)S
M
2.0
20.0
25.00
3.0
5.0
0.40
8.2
D
T210D825(1)100(2)S
M
2.5
25.0
31.25
3.0
5.0
0.36
10.0
D
T210D106(1)100(2)S
M
2.5
25.0
31.25
3.0
5.0
0.33
(1) To complete Part Number, insert Capacitance Tolerance Symbol in 9th character, M— ±20%,
K— ±10%, J— ±5%.
(2) To complete Part Number, insert Failure Rate Symbol in the 13th character as shown on
page 3.
A Case
+T210
—Polarity symbol, series designation
K10%S
—KEMET tolerance, failure rate
R68 µF
—Capacitance
50 V
—Voltage
225XA
—Date Code (Year and week of
manufacture and batch designator)
B Case
+KT210B —Polarity symbol, KEMET part number
475K050
—KEMET part number (continued)
SS4R7 µF —KEMET part number (continued)
capacitance
50 V 10% —Voltage, tolerance
0225XA
—Date Code (Year and week of
manufacture and batch designator)
C Case
+KEMET
—Polarity symbol, KEMET
T210C106K —KEMET part number
035SS 10% —KEMET part number (continued),
tolerance
10 µF 35V —Capacitance, voltage
0225XA
—Date Code (Year and week of
manufacture and batch designator)
CAPACITOR MARKINGS


Similar Part No. - GR500

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
GR501 MEDER-GR501 Datasheet
154Kb / 3P
   Reed Switch
logo
GREEGOO Electric Co.,Lt...
GR5048DA GREEGOO-GR5048DA Datasheet
433Kb / 2P
   GR 1 to 7 KW Motor Reversing SSR
GR5048DD GREEGOO-GR5048DD Datasheet
433Kb / 2P
   GR 1 to 7 KW Motor Reversing SSR
GR5048TA GREEGOO-GR5048TA Datasheet
433Kb / 2P
   GR 1 to 7 KW Motor Reversing SSR
GR5048TD GREEGOO-GR5048TD Datasheet
433Kb / 2P
   GR 1 to 7 KW Motor Reversing SSR
More results

Similar Description - GR500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TM8 VISHAY-TM8 Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com