Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72AQJA-7 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # MH32S72AQJA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72AQJA-7 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72AQJA-7 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7, -8
17/Mar./2000
MIT-DS-0371-0.2
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
AC TIM ING REQUIREMENTS
(Ta=0 ~ 70°C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted)
Input Pulse Levels:
0.8V to 2.0V
Input Timing Measurement Level:
1.4V
CK
Signal
1.4V
1.4V
Any AC timing is
referenced to the input
signal crossing
through 1.4V.
LATCH MODE
16
Limits
Symbol Parameter
-7
Unit
Min.
Max.
tCLK
CK cycle time
ns
tCH
CK High pulse width
3
10
ns
tCL
CK Low pilse width
3
ns
tT
Transition time of CK
1
10
ns
tIS
Input Setup time(all inputs)
2
ns
tIH
Input Hold time(all inputs)
1
ns
tRC
Row cycle time
70
ns
tRCD
Row to Column Delay
20
ns
tRAS
Row Active time
50
100000
ns
tRP
Row Precharge time
20
ns
tWR
Write Recovery time
20
ns
tRRD
Act to Act Deley time
20
ns
tPDE
Power Down Exit time
10
ns
tRSC
Mode Register Set Cycle time
20
ns
tREF
Refresh Interval time
64
ms
CL=3
tSRX
Self Refresh Exit time
10
ns
-8
Min.
Max.
3
13
3
1
10
2
1
70
20
50
100000
20
20
20
10
20
64
10
10
CL=4
10
ns


Similar Part No. - MH32S72AQJA-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72AQJA-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com