Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72AQJA-7 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72AQJA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72AQJA-7 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MH32S72AQJA-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72AQJA-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7, -8
17/Mar./2000
MIT-DS-0371-0.2
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
CKE0
/S0,2
/W
/RAS
/CAS
DQM0-7
CK0
Add
VDD
VSS
D0 to D17
D0 to D17
3
CB0
CB1
CB2
CB3
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
CB4
CB5
CB6
CB7
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
PLL
CK1 - CK3
Terminated
From PLL
RCKE0
R/S0,2
RDQM0-7
RCKE0
R/S0
RDQM 0
R/S2
RDQM 1
RDQM 4
RDQM 3
RDQM 2
RDQM 7
RDQM 5
RDQM 6
D0-1
D2-4
D5-6
D7-8
D9-10
D11-13
D14-15
D16-17
D0-17
D0-4,9-13
D5-8,14-17
VDD
REGE
10K
SA0 SA1 SA2
SERIAL PD
SCL
SDA
A0
A1
A2
WP
47K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BAFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72PHB-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn