Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LLZ2V4 Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. LLZ2V4
Description  500mW Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLZ2V4 Datasheet(HTML) 1 Page - Micro Commercial Components

  LLZ2V4 Datasheet HTML 1Page - Micro Commercial Components LLZ2V4 Datasheet HTML 2Page - Micro Commercial Components LLZ2V4 Datasheet HTML 3Page - Micro Commercial Components LLZ2V4 Datasheet HTML 4Page - Micro Commercial Components LLZ2V4 Datasheet HTML 5Page - Micro Commercial Components LLZ2V4 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LLZ2V4
THRU
LLZ56
500mW Silicon
Zener Diodes
Features
Hermetically Sealed Glass Package
Zener Voltage 2.4V to 56V
For Surface Mount Applications
Maximum Ratings
Symbol
Value
Units
Max. Steady State Power
Dissipation at
PD
500
mW
Junction Temperature
TJ
175
Storage Temperature Range
TSTG
-65 to 175
Electrical Characteristics @ 25Unless Otherwise Specified
Symbol
Value
Unit
Max. Forward Voltage
@
IF=200mA
VF
1.5
V
NOTE: 1.Some part number series have lower JEDEC registered ratings.
Mechanical Data
Case: hermetically sealed glass
Polarity: Cathode indicated by polarity band
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 1
2005/12/22
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
TM
Micro Commercial Components
Junction ambient R thJA :500 K/W
2.On PC Board 50 mm x 50 mm x 1.6 mm
(Note:1)
(Note:2)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N708AHermetically Sealed Axial Lead Silicon Zener Diodes 1 Central Semiconductor Corp
3SMAJ5913B3.0 Watt Surface Mount Silicon Zener Diodes 1 2 3 4 Micro Commercial Components
MMBV3700LT1_06High Voltage Silicon Pin Diodes 1 2 3 4 ON Semiconductor
1N5221B_1500mW EPITAXIAL ZENER DIODE 1 2 3 Diodes Incorporated
DAP222_05Common Anode Silicon Dual Switching Diodes 1 2 3 4 5 ON Semiconductor
FLZ2V2_0609Zener Diodes 1 2 3 4 5 MoreFairchild Semiconductor
MA43000_1Silicon Step Recovery Diodes 1 2 3 4 5 Tyco Electronics
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
GMZJMicro MELF ZENER DIODE 2.5% 500mW 1 2 3 Rectron Semiconductor
1N821_1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn