Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LLZ2V4 Datasheet(PDF) 5 Page - Micro Commercial Components

Part No. LLZ2V4
Description  500mW Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLZ2V4 Datasheet(HTML) 5 Page - Micro Commercial Components

  LLZ2V4 Datasheet HTML 1Page - Micro Commercial Components LLZ2V4 Datasheet HTML 2Page - Micro Commercial Components LLZ2V4 Datasheet HTML 3Page - Micro Commercial Components LLZ2V4 Datasheet HTML 4Page - Micro Commercial Components LLZ2V4 Datasheet HTML 5Page - Micro Commercial Components LLZ2V4 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.mccsemi.com
Revision: 1
2005/12/22
MCC
LLZ2V4-LLZ56
TM
Micro Commercial Components
Fig. 5 Diode Capacitance vs. Z-Voltage
Fig. 6 Forward Current vs. Forward Voltage
Fig. 7 Z-Current vs. Z-Voltage
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage(V)
25
20
Tj=25°C
VR=2V
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
VF – Forward Voltage(V)
Tj=25°C
04
8
12
16
20
0
20
40
60
80
100
VZ – Z-Voltage(V)
Ptot=500mW
Tamb=25°C
Fig. 8 Z-Current vs. Z-Voltage
Fig. 9 Differential Z-Resistance vs. Z-Voltage
15
20
25
30
0
10
20
30
40
50
VZ – Z-Voltage(V)
35
Ptot=500mW
Tamb=25°C
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage(V)
25
Tj=25°C
IZ=1mA
5mA
10mA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N708AHermetically Sealed Axial Lead Silicon Zener Diodes 1 Central Semiconductor Corp
3SMAJ5913B3.0 Watt Surface Mount Silicon Zener Diodes 1 2 3 4 Micro Commercial Components
MMBV3700LT1_06High Voltage Silicon Pin Diodes 1 2 3 4 ON Semiconductor
1N5221B_1500mW EPITAXIAL ZENER DIODE 1 2 3 Diodes Incorporated
DAP222_05Common Anode Silicon Dual Switching Diodes 1 2 3 4 5 ON Semiconductor
FLZ2V2_0609Zener Diodes 1 2 3 4 5 MoreFairchild Semiconductor
MA43000_1Silicon Step Recovery Diodes 1 2 3 4 5 Tyco Electronics
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
GMZJMicro MELF ZENER DIODE 2.5% 500mW 1 2 3 Rectron Semiconductor
1N821_1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn