Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXCFU950 Datasheet(PDF) 43 Page - Oxford Semiconductor

Part # OXCFU950
Description  USB/UART multi-function 16-bit PC Card device
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCFU950 Datasheet(HTML) 43 Page - Oxford Semiconductor

Back Button OXCFU950_07 Datasheet HTML 39Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 40Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 41Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 42Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 43Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 44Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 45Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 46Page - Oxford Semiconductor OXCFU950_07 Datasheet HTML 47Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
DS-0023 February 2007
External—Free Release
Page 43 of 74
OXCFU950 DATA SHEET
OXFORD SEMICONDUCTOR, INC.
Register access notes:
Note 0: Offset from function base address in I/O space
Note 1: Requires LCR[7] = 0
Note 2: Requires ACR[7] = 0
Note 3: Requires that last value written to LCR was not 0xBF
Note 4: To read this register ACR[7] must be = 0
Note 5: To read this register ACR[6] must be = 0
Note 6: Requires ACR[7] = 1
Note 7: Only bits 0 and 1 of this register can be written
Note 8: To read this register ACR[6] must be = 1
Note 9: This register acts as a window through which to read and write registers in the Indexed Control Register set
Note 10: TFL, RFL and GDS are available at two locations, accessing via the OXCFU950 specific register location being the most simple
Note 11: The 32-bit FIFO Access registers can also be accessed at 0x00 through 0x03, when DBURST is set to 0x01. This is for systems
where the UART must be mapped to an 8-byte address space.
Register
Name
SPR
Offset
12
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Indexed Control Register Set
ACR
0x00
R/W
Additiona
l
Status
Enable
ICR
Read
Enable
950
Trigger
Level
Enable
DTR definition and
control
AutoDSR
Flow
Control
Enable
Tx
Disable
Rx
Disable
CPR
0x01
R/W
5-bit integer part of
clock prescaler
3-bit fractional part of
clock prescaler
TCR
0x02
R/W
Unused
4 Bit N-times clock
selection bits [3:0]
0x03
R/W
Unused
TTL
0x04
R/W
Unused
Transmitter Interrupt Trigger Level (0-127)
RTL
0x05
R/W
Unused
Receiver Interrupt Trigger Level (1-127)
FCL
0x06
R/W
Unused
Automatic Flow Control Lower Trigger Level (0-127)
FCH
0x07
R/W
Unused
Automatic Flow Control Higher Trigger level (1-127)
ID1
0x08
R
Hardwired ID byte 1 (0x16)
ID2
0x09
R
Hardwired ID byte 1 (0xC9)
ID3
0x0A
R
Hardwired ID byte 1 (0x50)
REV
0x0B
R
Hardwired revision byte (0x0B)
CSR
0x0C
W
Writing 0x00 to this register will reset the UART
NMR
0x0D
R/W
Unused
9th Bit
SChar 4
9th Bit
Schar 3
9th Bit
SChar 2
9th Bit
SChar 1
9th-bit Int.
En.
9 Bit
Enable
MDM
0x0E
R/W
Unused
Disable
wake-up
sensitivity
Δ DCD
Wakeup
disable
Trailing
RI edge
disable
Δ DSR
Wakeup
disable
Δ CTS
Wakeup
disable
RFC
0X0F
R
FiCR[7]
FiCR[6]
FiCR[5]
FiCR[4]
FiCR[3]
FiCR[2]
FiCR[1]
FiCR[0]
GDS13
0X10
R
Unused
Good
Data
Status
DMS
0x11
R/W
Force
internal
TxRdy
inactive
Force
internal
RxRdy
inactive
Unused
Internal
TxRdy
status
( R )
Internal
RxRdy
status
( R )
PIDX
0x12
R
Hardwired Port Index ( 0x00 )
0x13
R/W
Unused
Table 17: Indexed Control Register Set


Similar Part No. - OXCFU950_07

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXCFU950-QFAG OXFORD-OXCFU950-QFAG Datasheet
105Kb / 11P
   USB/UART multi-function 16-bit PC Card device
More results

Similar Description - OXCFU950_07

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXCFU950 OXFORD-OXCFU950 Datasheet
105Kb / 11P
   USB/UART multi-function 16-bit PC Card device
OXCF950 OXFORD-OXCF950_06 Datasheet
375Kb / 66P
   low cost asynchronous 16-bit PC card or Compact Flash UART device
logo
List of Unclassifed Man...
USB-1901 ETC2-USB-1901 Datasheet
249Kb / 2P
   8/16-CH 16-Bit 250 kS/s Multi-Function USB DAQ Modules
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Advantech Co., Ltd.
PCM-3718H ADVANTECH-PCM-3718H_V01 Datasheet
550Kb / 2P
   100 kS/s, 12-bit, 16-Ch PC/104 Multi-function Modules
15-Jan-2014
logo
Protech Systems Co., Lt...
EPC-7510 PROTECHSYSTEMS-EPC-7510 Datasheet
451Kb / 2P
   Expandable Multi Function Embedded PC
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
logo
National Semiconductor ...
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com