Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXCB950-TQAG Datasheet(PDF) 10 Page - Oxford Semiconductor

Part # OXCB950-TQAG
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950-TQAG Datasheet(HTML) 10 Page - Oxford Semiconductor

Back Button OXCB950-TQAG Datasheet HTML 6Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 7Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 8Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 9Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 10Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 11Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 12Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 13Page - Oxford Semiconductor OXCB950-TQAG Datasheet HTML 14Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 10
OXCB950
OXFORD SEMICONDUCTOR LTD.
Multi-purpose & External
interrupt pins
Dir2
Name
Description
26
27
T_I/O
T_I/O
MIO[0]
MIO[1]
Multi-purpose I/O pins.
Can be driven high or low, or be used to invoke
cardbus/PCI interrupts, and powerdown, wakeup requests.
EEPROM pins
28
O
EE_CK
EEPROM clock
29
O
EE_CS
EEPROM active-high Chip Select
31
IU
EE_DI
EEPROM data in (to be connected to the EEPROM DO
pin).
When the optional serial EEPROM is connected, this pin
should be pulled up using an external 1-10k resistor. When
the EEPROM is not used, this external pull-up is not
required (internal pull-up is sufficient).
30
O
EE_DO
EEPROM data out. (to be connected to the EEPROM DI
pin)
Miscellaneous pins
34
ID
TEST0
Test Pin 0. Should be held low at all times.
33
ID
TEST1
Test Pin 1. Should be held low at all times
Power and ground3
14, 63, 89
V
VDD3I_CB
Supplies power to the pre-drive area of the dual mode
cardbus/pci IO buffers.
7, 21, 56, 71, 81, 91
V
VDD3OP_CB
Supplies power to the output drive of the dual mode
cardbus/pci IO buffers.
38, 39
V
VDDIP
Supplies power to the core-logic and pre-drive area of the
standard IO buffers.
41,
V
VDDO
Suppiles power to the output drive of standard IO buffers.
13, 62, 87
G
VSSI_CB
Supplies ground to the pre-drive area of the dual mode
cardbus/pci IO buffers.
2, 6, 12, 20, 55, 64, 65, 70, 76,
82, 90, 92, 97
G
VSSOP_CB
Supplies ground to the output drive of the dual mode
cardbus/pci IO buffers.
35
G
VSSIP
Supplies gnd to the core-logic and pre-drive area of the
standard IO buffers.
40, 50
G
VSSO
Supplies gnd to the output drive of standard IO buffers.
Table: Pin Descriptions
Note 1:
For cardbus applications, the pin z_frame requires a pull-up (4k7) on the board. See PC Card Standard 7.0/7.1, section 5.3.3.3.3
“pull-up resistor requirements”.
Note 2: Direction key:
I
3.3v Input, TTL compatible
ID
3.3v Input with pull-down, TTL compatible
IU
3.3v Input with pull-up, TTL compatible
O
3.3v Output, TTL compatible
T_O
5.0v tolerant TTL output
T_I
5.0v tolerant TTL input
T_I/O
5.0v tolerant TTL Bi-directional
C/P_I
Cardbus/PCI compatible input
C/P_O Cardbus/PCI compatible output
C/P_I/O Cardbus/PCI compatible bi-directional
C/P_OD Cardbus/PCI compatible open drain
G
Ground
V
3.3V power


Similar Part No. - OXCB950-TQAG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
logo
PLX Technology
OXCB950 PLX-OXCB950 Datasheet
115Kb / 2P
   32-bit PC card bridge to serial port
More results

Similar Description - OXCB950-TQAG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
logo
Oxford Semiconductor
OX16CB950 OXFORD-OX16CB950 Datasheet
19Kb / 2P
   Intelligent UART with 3.3v PCI/Cardbus Interface
OX16PCI954 OXFORD-OX16PCI954_05 Datasheet
452Kb / 73P
   Integrated Quad UART and PCI interface
OX16PCI954 OXFORD-OX16PCI954 Datasheet
654Kb / 72P
   Integrated Quad UART and PCI interface
logo
Exar Corporation
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com