Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431KD07NX Datasheet(PDF) 5 Page - Micro Commercial Components

Part No. 431KD07NX
Description  4 to 510 Volts Varistor 0.8 to 47 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

431KD07NX Datasheet(HTML) 5 Page - Micro Commercial Components

  431KD07NX Datasheet HTML 1Page - Micro Commercial Components 431KD07NX Datasheet HTML 2Page - Micro Commercial Components 431KD07NX Datasheet HTML 3Page - Micro Commercial Components 431KD07NX Datasheet HTML 4Page - Micro Commercial Components 431KD07NX Datasheet HTML 5Page - Micro Commercial Components 431KD07NX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Note 2.
T
Thickness
(max.)
Unit:mm
821KD07NX thru 8R0MD07NX
MCC
Revision: 2
2006/09/08
TM
Micro Commercial Components
Part Code
D05
D07
D10
D14
D20
182K
12.6
12.8
13.5
112K
10.5
10.7
11.2
102K
9.9
10.1
10.7
911K
9.4
9.6
10.1
821K
8.3
8.8
9.0
9.5
781K
8.1
8.6
8.8
9.3
751K
7.9
7.9
8.4
8.6
9.1
681K
7.5
7.5
8.0
8.2
8.7
621K
7.2
7.2
7.6
7.8
8.3
561K
6.9
6.9
7.3
7.5
8.0
511K
6.6
6.6
7.0
7.2
7.7
471K
6.4
6.4
6.8
7.0
7.5
431K
6.1
6.1
6.5
6.7
7.2
391K
5.3
5.3
5.7
5.9
6.4
361K
5.1
5.1
5.5
5.7
6.2
331K
4.9
4.9
5.3
5.5
6.0
301K
4.8
4.8
5.2
5.4
5.9
271K
4.6
4.6
5.0
5.2
5.7
241K
4.4
4.4
4.8
5.0
5.5
221K
4.3
4.3
4.7
4.9
5.4
201K
4.2
4.2
4.6
4.8
5.3
181K
4.1
4.1
4.5
4.7
5.2
151K
4.5
4.5
4.9
5.1
5.6
121K
4.1
4.1
4.5
4.6
5.3
101K
3.9
3.9
4.4
4.5
5.1
820K
3.8
3.8
4.3
4.4
4.9
680K
5.5
5.5
6.0
6.1
6.1
560K
5.0
5.0
5.5
5.6
5.6
470K
5.0
5.0
5.5
5.6
5.6
390K
4.7
4.7
5.1
5.2
5.4
330K
4.7
4.7
5.1
5.2
5.4
270K
4.7
4.7
5.1
5.2
5.4
220K
4.5
4.5
4.9
5.0
5.3
180L
4.5
4.5
4.9
5.0
5.2
www.mccsemi.com
5 of 6


Similar Part No. - 431KD07NX

ManufacturerPart No.DatasheetDescription
Micro Commercial Components
Micro Commercial Compon...
431KD07JX MCC-431KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
More results

Similar Description - 431KD07NX

ManufacturerPart No.DatasheetDescription
Micro Commercial Components
Micro Commercial Compon...
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz