Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

471KD25NX Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 471KD25NX
Description  130 to 1000 Volts Varistor 155 to 1100 Joule
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

471KD25NX Datasheet(HTML) 1 Page - Micro Commercial Components

  471KD25NX Datasheet HTML 1Page - Micro Commercial Components 471KD25NX Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
182KD25NX*
thru
201KD25NX*
130 to 1000 Volts
Varistor
155 to 1100 Joule
Features
Radial-Lead Varistor
Designed to be Operated Continuously Across AC Power Lines
No Derating Up to 85
℃ Ambient
Available in Tape and Reel or Bulk Pack
Maximum Ratings
Operating Ambient Temperature Range: -55
℃ to +85℃
Storage Temperature Range: -55
℃ to +125℃
Temperature Coefficient (
αV) of Clamping Voltage (VC) at
Specified Test Current:<0.05%/
Varistor voltage temperature coefficient:
Vb at 20
℃-Vb at 70℃
1
Vb at 20
50
× 100(%
)
×
CURRENT, ENERGY AND POWER DERATING
CURVE
-55
160
60
80
100
120
0
20
40
60
AMBIENT TEMPERATURE (
°C)
PERCENT OF RATED VALUE
140
80
100
120
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
Note :
'X' can be S, C, I or Y .
*
'S' denotes straight lead
'C' denotes out crimped lead
'I' denotes inner crimped lead
'Y' denotes kink lead
Revision: 1
2005/10/25


Similar Part No. - 471KD25NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
471KD20JX MCC-471KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
471KD20NX MCC-471KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
More results

Similar Description - 471KD25NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com