Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72APHB-6 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72APHB-6
Description  2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72APHB-6 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH32S72APHB-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72APHB-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
MH32S72APHB -6,-7,-8
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
17.Mar.2000
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0380-0.1
5
Serial Presence Detect Table II
31
Density of each bank on module
128MByte
20
36-61
Superset Information (may be used in future)
option
00
62
SPD Revision
63
Checksum for bytes 0-62
Check sum for -8
69
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
100MHz
64
127
Intel specification CAS# Latency support
128+
Unused storage locations
open
00
32
Command and Address signal input setup time
2ns
20
20
33
Command and Address signal input hold time
1ns
10
34
Data signal input setup time
2ns
35
Data signal input hold time
1ns
10
rev 1.2B
12
Check sum for -7
29
MH32S72APHB-6
4D483332533732415048422D362020202020
-6,-7
FF
CL=2/3,AP,CK0-3
-8
FD
CL=3,AP,CK0-3
-6
-7,-8
-6
-7,-8
-6
-7,-8
-6
-7,-8
Check sum for -6
C8
1.5ns
15
0.8ns
08
15
1.5ns
0.8ns
08
MH32S72APHB-7
MH32S72APHB-8
4D483332533732415048422D372020202020
4D483332533732415048422D382020202020


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72KLH-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BAFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn