Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72APHB-6 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72APHB-6
Description  2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MH32S72APHB-6 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
MH32S72APHB -6,-7,-8
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
17.Mar.2000
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0380-0.1
3
Block Diagram
CK0
Vcc
Vss
D0 - D17
D0 - D17
/S0
/S2
DQMB0
DQMB4
DQMB1
DQMB5
DQMB2
DQMB6
DQMB3
DQMB7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
CKE0
D0 - D8
/RAS
D0 - D17
/CAS
D0 - D17
/WE
D0 - D17
BA0,BA1,A<11:0>
D0 - D17
CK1
5SDRAMs
5SDRAMs
CK2
CK3
4SDRAMs+3.3pF cap.
4SDRAMs+3.3pF cap.
CKE1
D9 - D17
3.3V
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D0
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D1
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D2
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D9
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D10
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D11
I/O 4
I/O 5
I/O 6
I/O 7
/S1
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D5
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D6
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D14
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D15
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D4
I/O 4
I/O 5
I/O 6
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D12
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D13
I/O 4
I/O 5
I/O 6
I/O 7
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D7
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D8
I/O 4
I/O 5
I/O 6
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D16
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D17
I/O 4
I/O 5
I/O 6
I/O 7
I/O 7
/S3
10K
SA0 SA1 SA2
SERIAL PD
SCL
SDA
A0
A1
A2
WP
47K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn