Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

471KD14NX Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 471KD14NX
Description  7 to 1000 Volts Varistor 4.2 to 336.0 Joule
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

471KD14NX Datasheet(HTML) 4 Page - Micro Commercial Components

  471KD14NX Datasheet HTML 1Page - Micro Commercial Components 471KD14NX Datasheet HTML 2Page - Micro Commercial Components 471KD14NX Datasheet HTML 3Page - Micro Commercial Components 471KD14NX Datasheet HTML 4Page - Micro Commercial Components 471KD14NX Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
400
500
300
600
700
1000
2000
4000
3000
5000
200
Test current waveform
10
-6 to 10-3 A: Direct current
10
-1 to 104 A: 8/20
µs
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
A
V-I Curve (621K to 182K)
V
10
5
182KD14
112KD14
102KD14
911KD14
821KD14
781KD14
751KD14
681KD14
621KD14
Max.
Leakage Current
Max.
Clamping Voltage
152KD14
0.3
2
4
30
0.2
0.4
0.5
3
5
20
40
50
20
0.1
100
1
1000
10
10000
100
V-I Surge Life Time Ratings
(180L to 680K)
A
µs
Impulse Current – Amperes
Impulse Width – Micro seconds
300
200
1000
1 time
2 times
10 times
10
2 times
10
4 times
10
3 times
10
5 times
10
6 times
3
20
40
300
2
4
5
30
50
200
400
500
20
1
100
10
1000
100
10000
1000
V-I Surge Life Time Ratings
(820K to182K)
A
µs
Impulse Current – Amperes
Impulse Width – Micro seconds
3000
2000
10000
1 time
2 times
10 times
10
2 times
10
4 times
10
3 times
10
5 times
10
6 times
182KD14NX thru 120MD14NX
MCC
www.mccsemi.com
Revision: 1
2005/10/25
TM
Micro Commercial Components


Similar Part No. - 471KD14NX

ManufacturerPart #DatasheetDescription
logo
BRIGHTKING (SHENZHEN) C...
471KD14 BRIGHTKING-471KD14 Datasheet
715Kb / 12P
   Metal Oxide Varistor (MOV) Data Sheet
logo
YAGEO Corporation
471KD14 YAGEO-471KD14 Datasheet
991Kb / 13P
   METAL OXIDE VARISTORS POWER SUPPLY
logo
BRIGHTKING (SHENZHEN) C...
471KD14J BRIGHTKING-471KD14J Datasheet
715Kb / 12P
   Metal Oxide Varistor (MOV) Data Sheet
logo
YAGEO Corporation
471KD14J YAGEO-471KD14J Datasheet
991Kb / 13P
   METAL OXIDE VARISTORS POWER SUPPLY
logo
Micro Commercial Compon...
471KD14JX MCC-471KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
More results

Similar Description - 471KD14NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
   11 to 460 Volts Varistor 0.7 to 29 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com