Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34921AE Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC34921AE
Description  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34921AE Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34921AE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34921AE Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34921
STATIC ELECTRICAL CHARACTERISTICS
Motor Drivers in DC Mode (cont)
Output MOSFET Leakage Current
VGS = 0.0 V, VO = 0.0 V or 20 V
IDSS
–0.1
±40
µA
Current Limit Maximum Duty Cycle(9)
IDCLIMIT
1.0
2.0
4.0
%
Current Limit Pulse Width(9)
ILIMITPW
0.5
1.5
6.0
µs
Motor Driver C in Step Mode
Switch Voltage Drop, Output to Ground
ISTEP = 0.375 A, GND to Output
VSDROP
––
1.5
V
Step Motor Current Limit
B+ = 20 V
ISTEP(LIMIT)
1.0
2.0
A
Voltage at Which Internal Clamp Activates
IDSS = 1.0 mA, B+ = 20 V
VCLAMP
44
51
59
V
Tested Maximum High-Voltage Leakage Current
VS = VCLAMP +4.0
IBREAKDOWN
–0.5
40
µA
Any Step Driver Output Leakage Current to Ground
B+ = 20 V, VS = 20 V
ILEAKAGE
–0.1
40
µA
Current Limit Maximum Duty Cycle
tdILIMIT
5.0
11
15
%
Current Limit Pulse Width
ILIMITPW
510
20
µs
Vb Charge Pump
Boost Voltage
IB = 0.5 mA
Vb
B++10
B++11.5
B+ +15
V
External N-FET Gate Drive Output
GATEOUT High Output
IOH = 4.0 mA
IOH = 200 µA
VOH2
Vb -6.0
Vb -0.3
Vb -2.5
Vb -.1
Vb
Vb
V
GATEOUT Low Output
IOL = -200 µA
VOL
–0.1
0.3
V
Notes
9.
Motor driver A, B, C Top Side only. For C Bottom Side, see Motor Driver C in Step Mode: Current Limit Maximum Duty Cycle and Current
Limit Pulse Width
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V B+ 34 V, 0
°C TA 70°C, and 0°C TJ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34921AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34921AE ETC-MC34921AE Datasheet
603Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

Similar Description - MC34921AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34921 ETC-MC34921 Datasheet
603Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com