Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4001H-T Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4001H-T
Description  1 Amp Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4001H-T Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4001H-T Datasheet HTML 1Page - Micro Commercial Components 1N4001H-T Datasheet HTML 2Page - Micro Commercial Components 1N4001H-T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
Junction Capacitance - pF versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25°C
1N4001
H-T thru 1N4007H-T
MCC
www.mccsemi.com
Revision: 2
2004/03/30
TM
Micro Commercial Components


Similar Part No. - 1N4001H-T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
553Kb / 2P
   Rectifier Diodes
More results

Similar Description - 1N4001H-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4007-BP MCC-1N4007-BP Datasheet
226Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_11 Datasheet
243Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4001 YFWDIODE-1N4001 Datasheet
409Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
RL101GP MCC-RL101GP_16 Datasheet
207Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_11 Datasheet
245Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_13 Datasheet
317Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001_15 Datasheet
203Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001 Datasheet
86Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com