Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33977DWR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC33977DWR2
Description  Single Gauge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33977DWR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33977DWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33977DWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33977
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V
< VDD < 5.25 V, and -40°C < TA < 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT AND CLOCK TIMINGS (SIN+, SIN-, COS+, COS-) CS
SIN± (COS±) Output Turn ON Delay Time (Time from Rising CS
Enabling Outputs to Steady State Coil Voltages and Currents) (15)
tDLYON
1.0
ms
SIN± (COS±) Output Turn OFF Delay Time (Time from Rising CS
Disables Outputs to Steady State Coil Voltages and Currents) (15)
tDLYOFF
1.0
ms
Uncalibrated Oscillator Cycle Time
tCLU
0.65
1.0
1.7
µs
Calibrated Oscillator Cycle Time
Calibration Pulse = 8.0 µs, PECCR D4 = Logic [0]
Calibration Pulse = 8.0 µs, PECCR D4 = Logic [1]
tCLC
1.0
0.9
1.1
1.0
1.2
1.1
µs
Maximum Pointer Speed (16)
VMAX
400
°/s
Maximum Pointer Acceleration (16)
AMAX
4500
°/s2
SPI INTERFACE TIMING (CS, SCLK, SO, SI, RST) (17)
Recommended Frequency of SPI Operation
fSPI
1.0
2.0
MHz
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time) (18)
tLEAD
167
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time) (18)
tLAG
167
ns
SI to Falling Edge of SCLK (Required Setup Time) (18)
tSISU
25
83
ns
Falling Edge of SCLK to SI (Required Hold Time) (18)
tSIHOLD
25
83
ns
SO Rise Time
CL = 200 pF
tRSO
25
50
ns
SO Fall Time
CL = 200 pF
tFSO
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (19)
tRSI
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (19)
tFIS
50
ns
Falling Edge of RST to Rising Edge of RST (Required Setup Time) (18)
tWRST
3.0
µs
Rising Edge of CS to Falling Edge of CS (Required Setup Time) (18), (20)
tCS
5.0
µs
Falling Edge of RST to Rising Edge of CS (Required Setup Time) (18)
tEN
5.0
µs
Notes
15.
Maximum specified time for the 33977 is the minimum guaranteed time needed from the microcontroller.
16.
The minimum and maximum value will vary proportionally to the internal clock tolerance. These numbers are based on an ideally
calibrated clock frequency of 1.0 MHz. These are not 100 percent tested.
17.
The 33977 shall meet all SPI interface timing requirements specified in the SPI Interface Timing section of this table, over the specified
temperature range. Digital interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 33 ns. The device shall
be fully functional for slower clock speeds. Reference Figure 4 and 5.
18.
The required setup times specified for the 33977 are the minimum time needed from the microcontroller to guarantee correct operation.
19.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
20.
The value is for a 1.0 MHz calibrated internal clock. The value will change proportionally as the internal clock frequency changes.


Similar Part No. - MC33977DWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33977DWR2 NXP-MC33977DWR2 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
More results

Similar Description - MC33977DWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com