Electronic Components Datasheet Search |
|
NRWS153M100V16X36F Datasheet(PDF) 2 Page - NIC-Components Corp. |
|
NRWS153M100V16X36F Datasheet(HTML) 2 Page - NIC-Components Corp. |
2 / 2 page 72 ® NIC COMPONENTS CORP. .niccomp. .lowESR. .RFpassives. .SMTmagnetics. 73 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Miniature Aluminum Electrolytic Capacitors LEAD SPACING AND DIAMETER (mm) NRWS Series STANDARD PRODUCT AND CASE SIZE TABLE D φ x L (mm) β = L < 20mm = 1.5mm, L > 20mm = 2.0mm RIPPLE CURRENT CORRECTION FACTORS dφ ± 0.05 Insulation Sleeve F ± 0.5 Dφ ± α 4mm Min. 15mm Min. L + β max. Polarity Marking PART NUMBER SYSTEM NRWS 101 M 35V 6.3X11 F . RoHS Compliant Case Size (Dφ x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series Series Case Size (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series Series RoHS Compliant Case Size (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters Case Size (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters Capacitance Code: First 2 characters RoHS Compliant Case Size (D Working Voltage (Vdc) Tolerance Code (M=20%) Tolerance Code (M=20%) RoHS Compliant Case Size (D Working Voltage (Vdc) Working Voltage (Vdc) RoHS Compliant Case Size (D Case Size (D RoHS Compliant RoHS Compliant PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Cap. (µF) Code Working Voltage (Vdc) 6.3 10 16 25 35 50 63 100 0.1 R10 - - - - - 5x11 - - 0.22 R22 - - - - - 5x11 - - 0.33 R33 - - - - - 5x11 - - 0.47 R47 - - - - - 5x11 5x11 - 1.0 1R0 - - - - - 5x11 5x11 - 2.2 2R2 - - - - - 5x11 5x11 - 3.3 3R3 - - - - - 5x11 5x11 - 4.7 4R7 - - - - - 5x11 5x11 - 10 100 - - - - - 5x11 5x11 - 22 220 - - - - - 5x11 5x11 8x11.5 33 330 - - - - 5x11 5x11 6.3x11 8x12.5 47 470 - - - 5x11 5x11 6.3x11 6.3x11 10x12.5 100 101 - 5x11 5x11 6.3x11 6.3x11 8x11.5 8x12.5 10x20 220 221 5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 10x16 12.5x25 330 331 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 16x25 470 471 6.3x11 6.3x11 8x11.5 10x12.5 10x16 10x20 12.5x20 16x31 1,000 102 8x11.5 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 - 2,200 222 10x16 10x20 12.5x20 12.5x25 16x25 16x31 - - 3,300 332 10x20 12.5x20 12.5x25 16x25 16x35 18x36 - - 4,700 472 12.5x20 12.5x25 16x25 16x31 18x36 - - - 6,800 682 12.5x25 16x25 16x31 18x36 - - - - 10,000 103 16x25 16x31 18x36 - - - - - 15,000 153 16x36 18x36 - - - - - - Case Dia. (D Case Dia. (D Case Dia. (Dφφφ))) 5 6.3 8 10 12.5 16 18 Lead Dia. (D Lead Dia. (Dφφ)) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 Lead Spacing (F) Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 Dim. α 0.5 0.5 0.5 0.5 0.5 0.5 0.5 Cap. (µF) Frequency (Hz) Frequency (Hz) 100 1K 10K ~ ~ 47 0.50 0.80 1.0 > 47 ~ 220 0.55 0.85 1.0 > 220 ~ 1,000 0.65 0.90 1.0 > 1,000 0.75 0.90 1.0 |
Similar Part No. - NRWS153M100V16X36F |
|
Similar Description - NRWS153M100V16X36F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |