Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSX271M25V12.5X20TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSX271M25V12.5X20TRF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSX271M25V12.5X20TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSX271M25V12.5X20TRF Datasheet HTML 1Page - NIC-Components Corp. NRSX271M25V12.5X20TRF Datasheet HTML 2Page - NIC-Components Corp. NRSX271M25V12.5X20TRF Datasheet HTML 3Page - NIC-Components Corp. NRSX271M25V12.5X20TRF Datasheet HTML 4Page - NIC-Components Corp. NRSX271M25V12.5X20TRF Datasheet HTML 5Page - NIC-Components Corp. NRSX271M25V12.5X20TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
28
®
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
29
®
Miniature Aluminum Electrolytic Capacitors
NRSX Series
VERY LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS,
POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
FEATURES
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (1000 ~ 7000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY SUITED FOR USE IN SWITCHING POWER SUPPLIES &
..CONVERTORS
CHARACTERISTICS
e
g
n
a
R
e
g
a
tl
o
V
d
e
t
a
R
C
D
V
0
5
~
3
.
6
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
0
0
0
,
5
1
~
0
.
1
µF
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
°
5
0
1
+
~
5
5
-
e
c
n
a
r
e
l
o
T
e
c
n
a
ti
c
a
p
a
C
+
)
M
(
%
0
2
0
2
(
@
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
x
a
M
o
)
C
.
n
i
m
1
r
e
tf
A
4
r
o
V
C
3
0
.
0
µ
r
e
t
a
e
r
g
fi
r
e
v
e
h
c
i
h
w
,
A
.
n
i
m
2
r
e
tf
A
3
r
o
V
C
1
0
.
0
µ
r
e
t
a
e
r
g
fi
r
e
v
e
h
c
i
h
w
,
A
n
a
T
.
x
a
M
δ
C
°
0
2
/
z
H
0
2
1
@
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
)
c
d
V
(
.
V
.
S
8
3
1
0
2
2
3
4
4
3
6
C <
0
0
2
,
1
µF
2
2
.
0
9
1
.
0
6
1
.
0
4
1
.
0
2
1
.
0
0
1
.
0
0
0
5
,
1
=
C
µF
3
2
.
0
0
2
.
0
7
1
.
0
5
1
.
0
3
1
.
0
1
1
.
0
0
0
8
,
1
=
C
µF
3
2
.
0
0
2
.
0
7
1
.
0
5
1
.
0
3
1
.
0
1
1
.
0
0
0
2
,
2
=
C
µF
4
2
.
0
1
2
.
0
8
1
.
0
6
1
.
0
4
1
.
0
2
1
.
0
0
0
7
,
2
=
C
µF
5
2
.
0
2
2
.
0
9
1
.
0
7
1
.
0
5
1
.
0
0
0
3
,
3
=
C
µF
6
2
.
0
3
2
.
0
0
2
.
0
8
1
.
0
6
1
.
0
0
0
9
,
3
=
C
µF
7
2
.
0
4
2
.
0
1
2
.
0
9
1
.
0
0
0
7
,
4
=
C
µF
8
2
.
0
5
2
.
0
2
2
.
0
0
2
.
0
0
0
6
,
5
=
C
µF
0
3
.
0
7
2
.
0
4
2
.
0
0
0
8
,
6
=
C
µF
2
3
.
0
9
2
.
0
6
2
.
0
0
0
2
,
8
=
C
µF
5
3
.
0
2
3
.
0
9
2
.
0
0
0
0
,
0
1
=
C
µF
8
3
.
0
5
3
.
0
0
0
0
,
2
1
=
C
µF
2
4
.
0
0
0
0
,
5
1
=
C
µF
8
4
.
0
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
z
H
0
2
1
@
o
it
a
R
e
c
n
a
d
e
p
m
I
C
°
0
2
+
Z
/
C
°
5
2
-
Z
3
2
2
2
2
2
C
°
0
2
+
Z
/
C
°
0
4
-
Z
4
4
3
3
3
2
C
°
5
0
1
&
.
V
.
W
d
e
t
a
R
t
a
t
s
e
T
e
fi
L
d
a
o
L
8
1
~
6
1
:
s
r
u
o
H
0
0
0
,
7
5
.
2
1
:
s
r
u
o
H
0
0
0
,
5
0
1
:
s
r
u
o
H
0
0
0
,
4
8
~
3
.
6
:
s
r
u
o
H
0
0
0
,
3
5
:
s
r
u
o
H
0
0
5
,
2
4
:
s
r
u
o
H
0
0
0
,
1
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
d
e
r
u
s
a
e
m
l
a
it
i
n
i
f
o
%
0
2
n
a
T
δ
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
t
s
e
T
e
fi
L
fl
e
h
S
s
r
u
o
H
0
0
0
,
1
C
°
5
0
1
d
a
o
L
o
N
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
d
e
r
u
s
a
e
m
l
a
it
i
n
i
f
o
%
0
2
n
a
T
δ
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
C
°
0
2
-
&
z
h
K
0
0
1
t
a
e
c
n
a
d
e
p
m
I
.
x
a
M
C
°
0
2
+
&
z
h
K
0
0
1
t
a
e
c
n
a
d
e
p
m
i
e
h
t
s
e
m
it
2
n
a
h
t
s
s
e
L
s
d
r
a
d
n
a
t
S
e
l
b
a
c
il
p
p
A
4
-
4
8
3
C
E
I
d
n
a
2
0
1
5
C
,
1
4
1
5
C
S
I
J
RIPPLE CURRENT CORRECTION FACTOR
(
.
p
a
C
µ )
F
)
z
H
(
y
c
n
e
u
q
e
r
F
0
2
1
K
1
K
0
1
K
0
0
1
0
3
3
~
0
.
1
0
4
.
0
8
6
.
0
8
7
.
0
0
0
.
1
0
0
0
1
~
0
9
3
0
5
.
0
6
7
.
0
7
8
.
0
0
0
.
1
0
0
2
2
~
0
0
2
1
0
7
.
0
5
8
.
0
0
9
.
0
0
0
.
1
0
0
0
5
1
~
0
0
7
2
0
9
.
0
5
9
.
0
0
0
.
1
0
0
.
1
NRSX 101 M 25V 6.3X11 TR F
T
B = Tape & Box (optional)
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF
Series
Case Size (mm)
RoHS Compliant
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NRSX271M25V12.5X20TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSX271M25V12.5X20TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com