Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3311D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PTN3311D
Description  High-speed serial logic translators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3311D Datasheet(HTML) 4 Page - NXP Semiconductors

  PTN3311D Datasheet HTML 1Page - NXP Semiconductors PTN3311D Datasheet HTML 2Page - NXP Semiconductors PTN3311D Datasheet HTML 3Page - NXP Semiconductors PTN3311D Datasheet HTML 4Page - NXP Semiconductors PTN3311D Datasheet HTML 5Page - NXP Semiconductors PTN3311D Datasheet HTML 6Page - NXP Semiconductors PTN3311D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product data
PTN3310/PTN3311
High-speed serial logic translators
2001 Jun 19
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
VCC
Supply voltage
3.0
3.3
3.6
V
ICC
Power supply current
PTN3311
12
20
mA
IEE
Power supply current
PTN3310
13
20
mA
PECL inputs (PTN3311)
VIH
Input HIGH voltage1
2.135
2.420
V
VIL
Input LOW voltage1
1.490
1.825
V
II
Input current
VIN = VCC or GND
±10
µA
LVDS inputs (PTN3310)
VID
Minimum differential input signal amplitude
100
mV
IIN
Input current2
VIN = 0 V
20
mA
VIN = VCC
20
mA
PECL outputs (PTN3310)
VOH
Output HIGH voltage1
2.275
2.345
2.420
V
VOL
Output LOW voltage1
1.490
1.595
1.680
V
CL
Output load capacitance
5
pF
LVDS outputs (PTN3311); RL = 100 Ω
VOD
Output differential voltage
250
350
450
mV
∆ VOD
Steady-state difference in output differential
voltage between complementary output states
50
mV
VOS
Offset voltage
1.125
1.250
1.375
V
∆ VOS
Steady-state difference in offset voltage between
complementary output states
50
mV
IOS
Output short-circuit current
outputs mutually shorted
12
mA
output shorted to GND
24
mA
CL
Output load capacitance
5
pF
NOTES:
1. These values are for VCC = 3.3 V; PECL level specifications are referenced to VCC and will track 1:1 with variation of VCC.
2. Power supply either on or off.


Similar Part No. - PTN3311D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3311D PHILIPS-PTN3311D Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3311DP PHILIPS-PTN3311DP Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
More results

Similar Description - PTN3311D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
Maxim Integrated Produc...
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com