Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3500D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PTN3500D
Description  Maintenance and control device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3500D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PTN3500D Datasheet HTML 3Page - NXP Semiconductors PTN3500D Datasheet HTML 4Page - NXP Semiconductors PTN3500D Datasheet HTML 5Page - NXP Semiconductors PTN3500D Datasheet HTML 6Page - NXP Semiconductors PTN3500D Datasheet HTML 7Page - NXP Semiconductors PTN3500D Datasheet HTML 8Page - NXP Semiconductors PTN3500D Datasheet HTML 9Page - NXP Semiconductors PTN3500D Datasheet HTML 10Page - NXP Semiconductors PTN3500D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
Product specification
PTN3500
Maintenance and control device
2001 Jan 17
7
MEMORY OPERATIONS
Write operations
Write operations require an additional address field to indicate the
memory address location to be written. The address field is eight
bits long, providing access to any one of the 256 words of memory.
There are two types of write operations, byte write and page write.
Byte Write (see Figure 12)
To perform a byte write the start condition is followed by the memory
slave address and the R/W bit set to 0. The PTN3500 will respond
with an acknowledge and then consider the next eight bits sent as
the word address and the eight bits after the word address as the
data. The PTN3500 will issue an acknowledge after the receipt of
both the word address and the data. To terminate the data transfer
the master issues the stop condition, initiating the internal write cycle
to the non-volatile memory. Only write and read operations to the
Quasi-bidirectional I/O are allowed during the internal write cycle.
Page Write (see Figure 13)
A page write is initiated in the same way as the byte write. If after
sending the first word of data, the stop condition is not received the
PTN3500 considers subsequent words as data. After each data
word the PTN3500 responds with an acknowledge and the two least
significant bits of the memory address field are incremented. Should
the master not send a stop condition after four data words the
address counter will return to its initial value and overwrite the data
previously written. After the receipt of the stop condition the inputs
will behave as with the byte write during the internal write cycle.
P
SW00553
SDA
SLAVE
ADDRESS
(MEMORY)
WORD
ADDRESS
DATA
S 1010 A2A1A0
A
A
R/W
START CONDITION
STOP
CONDITION
0A
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
Figure 12. Byte write
S
P
SDA
SW00554
SLAVE
ADDRESS
(MEMORY)
WORD
ADDRESS
DATA TO MEMORY
101 0 A2 A1 A0
A
A
0
START
CONDITION
R/W
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
DATA n
A
ACKNOWLEDGE
FROM SLAVE
DATA +3n
DATA TO MEMORY
STOP
CONDITION
A
Figure 13. Page Write


Similar Part No. - PTN3500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501DH PHILIPS-PTN3501DH Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
More results

Similar Description - PTN3500D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
   Installation, Operation and Maintenance Procedures
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
   Windows-compatible software control and device programming
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
15006 ETC2-15006 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com