Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3500 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PTN3500
Description  Maintenance and control device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3500 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PTN3500 Datasheet HTML 5Page - NXP Semiconductors PTN3500 Datasheet HTML 6Page - NXP Semiconductors PTN3500 Datasheet HTML 7Page - NXP Semiconductors PTN3500 Datasheet HTML 8Page - NXP Semiconductors PTN3500 Datasheet HTML 9Page - NXP Semiconductors PTN3500 Datasheet HTML 10Page - NXP Semiconductors PTN3500 Datasheet HTML 11Page - NXP Semiconductors PTN3500 Datasheet HTML 12Page - NXP Semiconductors PTN3500 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
Product specification
PTN3500
Maintenance and control device
2001 Jan 17
9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply Voltage
–0.5
4.0
V
VI
Input Voltage
VSS – 0.5
5.5
V
II
DC Input Current
–20
20
mA
IO
DC Output Current
–25
25
mA
IDD
Supply Current
–100
100
mA
ISS
Supply Current
–100
100
mA
Ptot
Total Power Dissipation
400
mW
PO
Total Power Dissipation per Output
100
mW
TSTG
Storage Temperature
–65
+150
_C
TAMB
Operating Temperature
–40
+85
_C
VESD
Electrostatic Discharge:
Human Body Model, 1.5 k
Ω, 100 pF
>2000
V
Machine Model, 0
Ω, 200 pF
>200
V
DC ELECTRICAL CHARACTERISTICS
Tamb = –40_C to +85_C unless otherwise specified; VCC = 3.3 V
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Supply
VDD
Supply Voltage
2.5
3.3
3.6
V
IDDQ
Standby Current; A0, A1, A2, WC = HIGH
60
µA
IDD1
Supply Current Read
1
mA
IDD2
Supply Current Write
2
mA
VPOR
Power on Reset Voltage
2.4
V
Input SCL; input, output SDA
VIL
Input LOW voltage
–0.5
0.3 VDD
V
VIH
Input HIGH voltage
0.7 VDD
5.5
V
IOL
Output LOW current @ VOL = 0.4 V
3
mA
IL
Input leakage current @ VI = VDD or VSS
–1
1
µA
CI
Input capacitance @ VI = VSS
7
pF
I/O Expander Port
VIL
Input LOW voltage
–0.5
0.3 VDD
V
VIH
Input HIGH voltage
0.7 VDD
5.5
V
IIHL(max)
Input current through protection diodes
–400
400
µA
IOL
Output LOW current @ VOL = 1 V
10
25
mA
IOH
Output HIGH current @ VOH = Vss
30
100
300
µA
IOHt
Transient pull-up current
2
mA
CI
Input Capacitance
10
pF
CO
Output Capacitance
10
pF
Address Inputs (A0, A1, A2), WC input
VIL
Input LOW voltage
–0.5
0.3 VDD
V
VIH
Input HIGH voltage
0.7 VDD
5.5
V
IL
Input leakage current @ VI = VDD
–1
1
µA
Input leakage (pull-up) current @ VI = VSS
10
25
100
µA


Similar Part No. - PTN3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501DH PHILIPS-PTN3501DH Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
More results

Similar Description - PTN3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
   Installation, Operation and Maintenance Procedures
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
   Windows-compatible software control and device programming
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
15006 ETC2-15006 Datasheet
360Kb / 4P
   Installation and Maintenance of ESD Mats
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com