Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7113WYP-PBC-Z Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP7113WYP-PBC-Z
Description  T-1 3/4 (5mm) HOUSING FOR LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113WYP-PBC-Z Datasheet(HTML) 5 Page - Kingbright Corporation

  WP7113WYP-PBC-Z Datasheet HTML 1Page - Kingbright Corporation WP7113WYP-PBC-Z Datasheet HTML 2Page - Kingbright Corporation WP7113WYP-PBC-Z Datasheet HTML 3Page - Kingbright Corporation WP7113WYP-PBC-Z Datasheet HTML 4Page - Kingbright Corporation WP7113WYP-PBC-Z Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAH0992
REV NO: V.3
DATE: MAY/17/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP: 1102009947
PACKING & LABEL SPECIFICATIONS
WP7113WYP/PBC/Z


Similar Part No. - WP7113WYP-PBC-Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113WYP-SEC-J KINGBRIGHT-WP7113WYP-SEC-J Datasheet
120Kb / 5P
   T-1 3/4 (5mm) HOUSING FOR LED LAMP
WP7113WYP-VGC-Z KINGBRIGHT-WP7113WYP-VGC-Z Datasheet
136Kb / 5P
   T-1 3/4 (5mm) HOUSING FOR LED LAMP
More results

Similar Description - WP7113WYP-PBC-Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113WYP-SEC-J KINGBRIGHT-WP7113WYP-SEC-J Datasheet
120Kb / 5P
   T-1 3/4 (5mm) HOUSING FOR LED LAMP
WP7113WYP-VGC-Z KINGBRIGHT-WP7113WYP-VGC-Z Datasheet
136Kb / 5P
   T-1 3/4 (5mm) HOUSING FOR LED LAMP
L7113SEC-H KINGBRIGHT-L7113SEC-H Datasheet
60Kb / 3P
   T-1 3/4 (5mm) LED LAMP
L-7113SYC KINGBRIGHT-L-7113SYC Datasheet
85Kb / 3P
   T-1 3/4 (5MM) LED LAMP
logo
SunLED Corporation
BMR53D SUNLED-BMR53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
logo
Kingbright Corporation
W7113MBDK KINGBRIGHT-W7113MBDK Datasheet
108Kb / 3P
   T-1 3/4 (5mm) ROUND LED LAMP
WP2523SURC-E KINGBRIGHT-WP2523SURC-E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BB14W SUNLED-LM2BB14W Datasheet
178Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP56BID KINGBRIGHT-WP56BID Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BYD KINGBRIGHT-WP56BYD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com