Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7113BR9.52-ID Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7113BR9.52-ID
Description  T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113BR9.52-ID Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7113BR9.52-ID Datasheet HTML 1Page - Kingbright Corporation WP7113BR9.52-ID Datasheet HTML 2Page - Kingbright Corporation WP7113BR9.52-ID Datasheet HTML 3Page - Kingbright Corporation WP7113BR9.52-ID Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF2108
REV NO: V.1
DATE:APR/19/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1102001516
Package Dimensions
Description
The High Efficiency Red source color devices are
made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
WP7113BR9.52/ID
HIGH EFFICIENCY RED
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01" ) unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD
INDICATOR
Features
LED FIRMLY HELD BY SPACER-NO ADDITIONAL
FIXTURING OR GLUEING NECESSARY.
SUITABLE FOR BACK PANEL ILLUMINATION,
CIRCUIT BOARD INDICATOR, LED INDICATOR.
UL RATING:94V-0.
HOUSING MATERIAL:TYPE 66 NYLON.
RoHS COMPLIANT.


Similar Part No. - WP7113BR9.52-ID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113BR9.52-GD KINGBRIGHT-WP7113BR9.52-GD Datasheet
107Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SGD KINGBRIGHT-WP7113BR9.52-SGD Datasheet
108Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SRD KINGBRIGHT-WP7113BR9.52-SRD Datasheet
109Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-YD KINGBRIGHT-WP7113BR9.52-YD Datasheet
138Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
More results

Similar Description - WP7113BR9.52-ID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113BR6.35-GD KINGBRIGHT-WP7113BR6.35-GD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-YD KINGBRIGHT-WP7113BR6.35-YD Datasheet
138Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-SGD KINGBRIGHT-WP7113BR6.35-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SRD KINGBRIGHT-WP7113BR9.52-SRD Datasheet
109Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR5.08-SGD KINGBRIGHT-WP7113BR5.08-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-ID KINGBRIGHT-WP7113BR6.35-ID Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SGD KINGBRIGHT-WP7113BR9.52-SGD Datasheet
108Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-YD KINGBRIGHT-WP7113BR9.52-YD Datasheet
138Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR5.08-SRD KINGBRIGHT-WP7113BR5.08-SRD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-GD KINGBRIGHT-WP7113BR9.52-GD Datasheet
107Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com