Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2521A60 Datasheet(PDF) 12 Page - SiGe Semiconductor, Inc.

Part # SE2521A60
Description  RangeCharger??2.4 GHz Wireless LAN Front End
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60 Datasheet(HTML) 12 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60 Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 13Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 14Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 15Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 16Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
12 of 16
QA040406
IMD3 vs. Output Pow er over Tem perature (2450 MHz, 3.3 V, CW)
-80
-70
-60
-50
-40
-30
6
7
8
9
101112
13
14151617
18
192021
Output Pow er (dBm )
-40 C, IMD3
25 C, IMD3
85 C, IMD3
IMD5 vs. Output Pow er over Tem perature (2450 MHz, 3.3 V, CW)
-80
-70
-60
-50
-40
-30
6789
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
-40 C, IMD5
25 C, IMD5
85 C, IMD5
(a)
(b)
Figure 15: Typical CW Performance over Temperature (a) IMD3 vs. Output Power, (b) P1dB vs. Frequency
Typical Power Detector Performance
SE2521A60 Power Detector Response over Temperature and Frequency
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2345
678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Pow er (dBm )
-40C, 2400 MHz
-40C, 2450 MHz
-40C, 2500 MHz
25C, 2400 MHz
25C, 2450 MHz
25C, 2500 MHz
85C, 2400 MHz
85C, 2450 MHz
85C, 2500 MHz
Pow er Detector Response over Tem perature, Voltage (2450 MHz)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
Output Pow er (dBm )
-40 C, 2.7 V
-40 C, 3.0 V
-40 C, 3.3 V
-40 C, 3.6 V
25 C, 2.7 V
25 C, 3.0 V
25 C, 3.3 V
25 C, 3.6 V
85 C, 2.7 V
85 C, 3.0 V
85 C, 3.3 V
85 C, 3.6 V
(a)
(b)
Figure 16: Typical Power Detector Response: (a) Over Frequency and Temperature, (b) Over Voltage and
Temperature


Similar Part No. - SE2521A60

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
SE2521A80-EK1 SIGE-SE2521A80-EK1 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
SE2521A80-R SIGE-SE2521A80-R Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
More results

Similar Description - SE2521A60

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
   2.4 GHz Wireless LAN/BT Front End Preliminary
logo
SiGe Semiconductor, Inc...
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
SiGe Semiconductor, Inc...
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com