Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2425U Datasheet(PDF) 8 Page - SiGe Semiconductor, Inc.

Part # SE2425U
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U Datasheet(HTML) 8 Page - SiGe Semiconductor, Inc.

Back Button SE2425U Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
8 of 10
QA040506
Branding Information
Figure 10 shows the SE2425U branding.
Lot Code
Part Number
Pin 1 Designator
Pin 1
Company Name
SiGe
2425U
Lot Code
Figure 10: SE2425U Branding Information
Package Information
This package is lead free.
Figure 11: SE2425U Package Drawing


Similar Part No. - SE2425U

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2425U-R SKYWORKS-SE2425U-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2425U

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423U SIGE-PA2423U Datasheet
230Kb / 10P
   RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423MB SIGE-PA2423MB Datasheet
370Kb / 10P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com