Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE370C702FZT Datasheet(PDF) 6 Page - Texas Instruments

Part # SE370C702FZT
Description  8-BIT MICROCONTROLLER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE370C702FZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SE370C702FZT Datasheet HTML 2Page - Texas Instruments SE370C702FZT Datasheet HTML 3Page - Texas Instruments SE370C702FZT Datasheet HTML 4Page - Texas Instruments SE370C702FZT Datasheet HTML 5Page - Texas Instruments SE370C702FZT Datasheet HTML 6Page - Texas Instruments SE370C702FZT Datasheet HTML 7Page - Texas Instruments SE370C702FZT Datasheet HTML 8Page - Texas Instruments SE370C702FZT Datasheet HTML 9Page - Texas Instruments SE370C702FZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
TMS370Cx0x
8-BIT MICROCONTROLLER
SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
central processing unit (CPU) (continued)
Reserved
Not Available‡
1F00h
1FFFh
2000h
5FFFh
6000h
Interrupts and Reset Vectors;
Trap Vectors
1EFFh
7FFFh
0
RAM (Includes 256-Byte Registers File)
0
15
Program Counter
7
Legend:
Z=Zero
IE1=Level 1 interrupts Enable
C=Carry
V=Overflow
N=Negative
IE2=Level 2 interrupts Enable
IE1
IE2
Z
N
C
0
1
2
3
4
5
6
7
V
Status Register (ST)
Stack Pointer (SP)
R0(A)
R1(B)
R3
R127
0000h
0001h
0002h
007Fh
R255
0003h
R2
00FFh
256-Byte Data EEPROM
8K-Byte ROM/EPROM (6000h – 7FFFh)
7FC0h
7FBFh
Reserved†
100Fh
1010h
105Fh
1060h
Peripheral File
0100h
00FFh
0000h
256-Byte RAM (0000h - 00FFh)
† Reserved means the address space is reserved for future expansion.
‡ Not available means the address space is not accessible.
Figure 1. Programmer’s Model
A memory map that includes:
D 256-byte general-purpose RAM that can be used for data memory storage, program instructions,
general-purpose register, or the stack
D A peripheral file that provides access to all internal peripheral modules, system-wide control functions and
EEPROM/ EPROM programming control
D 256-byte EEPROM module that provides in-circuit programmability and data retention in power-off
conditions
D 8K-byte ROM or 8K-byte EPROM program memory
stack pointer (SP)
The SP is an 8-bit CPU register. Stack operates as a last-in, first-out, read / write memory. The stack is used
typically to store the return address on subroutine calls as well as the status-register contents during interrupt
sequences.
The SP points to the last entry or top of the stack. The SP is incremented automatically before data is pushed
onto the stack and decremented after data is popped from the stack. The stack can be placed anywhere in the
on-chip RAM memory.


Similar Part No. - SE370C702FZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE370C702FZT TI-SE370C702FZT Datasheet
715Kb / 49P
[Old version datasheet]   8-BIT MICROCONTROLLER
SE370C702FZT TI1-SE370C702FZT Datasheet
744Kb / 50P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - SE370C702FZT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com