Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDL-4
Description  2-WAY POWER DIVIDER SURFACE MOUNT MODEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDL-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDL-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDL-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDL-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
500 - 1500 MHz
WIDE BANDWIDTH
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
2-WAY POWER DIVIDER
SURFACE MOUNT MODEL:
SDL-4
SPECIFICATIONS (Rev. C 12/18/06)
Frequency
500 - 1500 MHz
Insertion Loss*
Freq. (MHz)
dB (Typ.)
dB (Max.)
500-1000
0.6
0.8
1000-1500
0.7
1.2
Isolation
Freq. (MHz)
dB (Typ.)
dB (Min.)
500-1000
22
15
1000-1500
18
13
Phase Unbalance
Freq. (MHz)
Degrees (Max.)
500-1000
1000-1500
Amplitude Unbalance
Freq. (MHz)
dB (Max.)
500-1000
0.3
1000-1500
0.5
Input Power Rating
1 Watt (Max.)
Output Impedance
50 Ohms (Nom.)
Operating Temperature
Range
-40 to +85 °C
* Above the 3dB theoretical split loss.
Package # 159
PIN CONFIGURATION
Input
Output
Ext. Gnd.
6
3,4
1,2,5
FEATURES:
Excellent Performance
Wide Bandwidth
Small Size, Surface Mount
Moderate Power
APPLICATIONS:
Signal Splitting & Low Power Combining
0
0.25
0.5
0.75
1
500
700
900
1100
1300
1500
Frequency (MHz)
S - 3
S - 4


Similar Part No. - SDL-4

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDL-4 SYNERGY-SDL-4 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
SDL-4 SYNERGY-SDL-4 Datasheet
252Kb / 3P
   2-WAY POWER DIVIDER SURFACE MOUNT MODEL
More results

Similar Description - SDL-4

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SD2200 SYNERGY-SD2200 Datasheet
552Kb / 3P
   2-WAY POWER DIVIDER SURFACE MOUNT MODEL
SDL-4 SYNERGY-SDL-4 Datasheet
252Kb / 3P
   2-WAY POWER DIVIDER SURFACE MOUNT MODEL
SDL-110 SYNERGY-SDL-110 Datasheet
247Kb / 4P
   3-WAY POWER DIVIDER SURFACE MOUNT MODEL
DFS-905 SYNERGY-DFS-905 Datasheet
334Kb / 4P
   6-WAY POWER DIVIDER SURFACE MOUNT MODEL
DSS-585 SYNERGY-DSS-585 Datasheet
409Kb / 3P
   8-WAY POWER DIVIDER SURFACE MOUNT MODEL
DSK-719S SYNERGY-DSK-719S Datasheet
215Kb / 4P
   2-WAY POWER DIVIDER MODEL
DSK-7M2B SYNERGY-DSK-7M2B Datasheet
242Kb / 4P
   2-WAY POWER DIVIDER CONNECTORIZED MODEL
DEK-701S SYNERGY-DEK-701S Datasheet
239Kb / 4P
   5-WAY POWER DIVIDER MODEL
logo
M/A-COM Technology Solu...
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
   Surface Mount Two-Way Power Divider
DSS-333 MA-COM-DSS-333 Datasheet
105Kb / 2P
   Surface Mount Two-Way Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com