Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33883EG Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33883EG
Description  H-Bridge Gate Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33883EG Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33883EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33883
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
Table 5. Functional Truth Table
Conditions
G_EN
IN_HSn
IN_LSn
Gate_HSn
Gate_LSn
Comments
Sleep
0
x
x
0
0
Device is in Sleep mode. The gates are at low state.
Normal
1
1
1
1
1
Normal mode. The gates are controlled independently.
Normal
1
0
0
0
0
Normal mode. The gates are controlled independently.
Undervoltage
1
x
x
0
0
The device is currently in fault mode. The gates are at
low state. Once the fault is removed, the 33883 recovers
its normal mode.
Overvoltage
1
x
x
0
0
The device is currently in fault mode. The gates are at
low state. Once the fault is removed, the 33883 recovers
its normal mode.
Overtemperature
on High-Side Gate Driver
1
1
x
0
x
The device is currently in fault mode. The high-side gate
is at low state. Once the fault is removed, the 33883
recovers its normal mode.
Overtemperature
on Low-Side Gate Driver
1
x
1
x
0
The device is currently in fault mode. The low-side gate
is at low state. Once the fault is removed, the 33883
recovers its normal mode.
x = Don’t care.


Similar Part No. - MCZ33883EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33880EG FREESCALE-MCZ33880EG Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EG FREESCALE-MCZ33880EG Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EG FREESCALE-MCZ33880EG Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
MCZ33880EGR2 FREESCALE-MCZ33880EGR2 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EGR2 FREESCALE-MCZ33880EGR2 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Similar Description - MCZ33883EG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
   H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com