Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP7113BR5.08-ID Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. WP7113BR5.08-ID
Description  T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113BR5.08-ID Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7113BR5.08-ID Datasheet HTML 1Page - Kingbright Corporation WP7113BR5.08-ID Datasheet HTML 2Page - Kingbright Corporation WP7113BR5.08-ID Datasheet HTML 3Page - Kingbright Corporation WP7113BR5.08-ID Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF2098
REV NO: V.2
DATE: MAY/23/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102001473
T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD
INDICATOR
Part Number: WP7113BR5.08/ID
High Efficiency Red
Features
LED FIRMLY HELD BY SPACER-NO ADDITIONAL
FIXTURING OR GLUEING NECESSARY.

SUITABLE FOR BACK PANEL ILLUMINATION,CIRCUIT
BOARD INDICATOR, LED INDICATOR.

UL RATING:94V-0.

HOUSING MATERIAL:TYPE 66 NYLON.

RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
WP7113BR5.08-GD T-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1  2  3  4  Kingbright Corporation
WP1503CB-GD T-1 3/4 5mm RIGHT ANGLE LED INDICATOR 1  2  3  4  Kingbright Corporation
WP1503CB-ID T-1 3/4 5mm RIGHT ANGLE LED INDICATOR 1  2  3  4  Kingbright Corporation
WP1503CB-SRD T-1 3/4 5mm RIGHT ANGLE LED INDICATOR 1  2  3  4  Kingbright Corporation
WP59BL-EGW T-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1  2  3  4  5  Kingbright Corporation
WP1503CB-YD T-1 3/4 5mm RIGHT ANGLE LED INDICATOR 1  2  3  4  Kingbright Corporation
WP59BL-EYW T-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1  2  3  4  5  Kingbright Corporation
WP1503EB-2GD T-1 3/4 5mm BI-LEVEL LED INDICATOR 1  2  3  4  Kingbright Corporation
WP59BL-GYW T-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1  2  3  4  5  Kingbright Corporation
WP150A9VS-EGW T-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1  2  3  4  5  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn