Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33689DEWR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33689DEWR2
Description  System Basis Chip with LIN Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33689DEWR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33689DEWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33689DEWR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33689
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
RXD OUTPUT PIN (LIN PHYSICAL LAYER)
Low-Level Output Voltage
IOUT ≤ 1.5 mA
VOL
0.0
0.9
V
High-Level Output Voltage
IOUT ≤ 250 µA
VOH
3.75
5.25
V
TXD INPUT PIN (LIN PHYSICAL LAYER)
Low-Level Input Voltage
VIL
1.5
V
High-Level Input Voltage
VIH
3.5
V
Input Hysteresis
VINHYS
50
145
300
mV
Pullup Current Source
1.0 V < VTXD < 3.5 V
IPUTXD
-100
-20
µA
LIN PHYSICAL LAYER, TRANSCEIVER
Transceiver Output Voltage
Dominant State, TXD LOW, External Bus Pullup 500
Recessive State, TXD HIGH, IOUT = 1.0 µA
VLINDOM
VLINREC
VSUP -1.0
1.4
V
Pullup Resistor to VSUP
In Normal Mode and in Sleep and Stop Modes When Not Disabled by
SPI
RPU
20
30
47
k
Pullup Current Source
In Sleep and Stop Modes When Pullup Disabled by SPI
IPULIN
1.3
µA
Output Current Shutdown Threshold
IOUTSD
50
75
150
mA
Leakage Output Current to GND
VS1 and VS2 Disconnected, VLIN = 18 V
Recessive State, 8.0 V < VSUP < 18 V, 8.0 V < VLIN < 18 V
GND Disconnected, VGND = VSUP, VLIN = -18 V
IBUSLEAK
0.0
-1.0
1.0
3.0
10
20
1.0
µA
µA
mA
LIN PHYSICAL LAYER, RECEIVER
Receiver Input Threshold Voltage
Dominant State, TXD HIGH, RXD LOW
Recessive State, TXD HIGH, RXD HIGH
Center (VBUSDOM -VBUSREC)/ 2
Hysteresis (VBUSDOM -VBUSREC)
VBUSDOM
VBUSREC
VBUSCNT
VBUSHYS
0.0
0.6
0.475
0.5
0.4
1.0
0.525
0.175
VSUP
Bus Wake-Up Threshold
VBUSWU
0.5
VSUP
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33689DEWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33661EF FREESCALE-MCZ33661EF Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MCZ33661EFR2 FREESCALE-MCZ33661EFR2 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
More results

Similar Description - MCZ33689DEWR2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com