Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN165-200K Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. PSMN165-200K
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN165-200K Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN165-200K Datasheet HTML 1Page - NXP Semiconductors PSMN165-200K Datasheet HTML 2Page - NXP Semiconductors PSMN165-200K Datasheet HTML 3Page - NXP Semiconductors PSMN165-200K Datasheet HTML 4Page - NXP Semiconductors PSMN165-200K Datasheet HTML 5Page - NXP Semiconductors PSMN165-200K Datasheet HTML 6Page - NXP Semiconductors PSMN165-200K Datasheet HTML 7Page - NXP Semiconductors PSMN165-200K Datasheet HTML 8Page - NXP Semiconductors PSMN165-200K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN165-200K
N-channel enhancement mode field-effect transistor
Rev. 01 — 16 January 2001
Product specification
c
c
1.
Description
SiliconMAX™1 products use the latest Philips TrenchMOS™2 technology to achieve
the lowest possible on-state resistance in a SOT96-1 (SO8) package.
Product availability:
PSMN165-200K in SOT96-1 (SO8).
2.
Features
s Very low on-state resistance
s Fast switching
s TrenchMOS™ technology.
3.
Applications
s DC to DC convertor
s Computer motherboards
s Switch mode power supplies.
4.
Pinning information
1.
SiliconMAX is a trademark of Royal Philips Electronics.
2.
TrenchMOS is a trademark of Royal Philips Electronics.
Table 1:
Pinning - SOT96-1, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1,2,3
source (s)
SOT96-1 (SO8)
4
gate (g)
5,6,7,8
drain (d)
4
5
1
8
Top view
MBK187
s
d
g
MBB076


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn