Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN165-200K Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. PSMN165-200K
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN165-200K Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN165-200K Datasheet HTML 2Page - NXP Semiconductors PSMN165-200K Datasheet HTML 3Page - NXP Semiconductors PSMN165-200K Datasheet HTML 4Page - NXP Semiconductors PSMN165-200K Datasheet HTML 5Page - NXP Semiconductors PSMN165-200K Datasheet HTML 6Page - NXP Semiconductors PSMN165-200K Datasheet HTML 7Page - NXP Semiconductors PSMN165-200K Datasheet HTML 8Page - NXP Semiconductors PSMN165-200K Datasheet HTML 9Page - NXP Semiconductors PSMN165-200K Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
PSMN165-200K
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 16 January 2001
6 of 13
9397 750 07896
© Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ae07
0
5
10
15
20
01
23
45
VDS (V)
ID
(A)
4.5 V
3.5 V
4 V
5 V
VGS = 10 V
03ae09
0
5
10
15
20
01
23
45
VGS (V)
ID
(A)
VDS > ID X RDSon
Tj = 150 ºC
25 ºC
03ae08
0.1
0.15
0.2
0.25
0.3
0
5
10
15
20
ID (A)
RDSon
(
Ω)
Tj = 25 ºC
VGS = 4 V
5 V
10 V
4.5 V
03aa31
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-60
-20
20
60
100
140
180
T
j
(
o
C)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn