Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPG2035T5F Datasheet(PDF) 2 Page - California Eastern Labs

Part No. UPG2035T5F
Description  BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

UPG2035T5F Datasheet(HTML) 2 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UPG2035T5F
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
(Top View)
1
2
3
4
5
6
9
8
7
12
11 10
PIN NO.
PIN NAME
DESCRIPTION
1
NC
Ground
2
NC
Ground
3
Vcont1
Control 1
4
ANT1
Antenna Port 1
5
NC
Ground
6
ANT2
Antenna Port 2
7
Vcont2
Control 2
8
NC
Ground
9
NC
Ground
10
RX
Receive Port
11
NC
Ground
12
TX
Transmit Port
EXPOSED PAD
GND
Ground
Remark NC indicates functionally non-connected pins, but actual grounding is recommended.
TRUTH TABLE
Vcont1
Vcont2
ANT1-RX
ANT1-TX
ANT2-TX
ANT2-RX
2.7 to 5.0 V
0 ± 0.2 V
ON
OFF
ON
OFF
0 ± 0.2 V
2.7 to 5.0 V
OFF
ON
OFF
ON
ABSOLUTE MAXIMUM RATINGS (TA=+25ºC, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Switch Control Voltage
Vcont
6.0 to +6.0 Note 1
V
Input Power
Pin
+36
dBm
Total Power Dissipation
Ptot
0.15 Note 2
W
Operating Ambient Temperature
TA
45 to +85
°
C
Storage Temperature
Tstg
55 to +150
°
C
Notes 1. | Vcont1 − Vcont2 | ≤ 6.0 V
2. Mounted on double-sided copper-clad 50 × 50 × 1.6 mm epoxy glass PWB, TA = +85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn