Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33399EFR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCZ33399EFR2
Description  Local Interconnect Network (LIN) Physical Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33399EFR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33399EFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33399EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33399
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LIN PIN (VOLTAGE EXPRESSED VERSUS VSUP VOLTAGE)
Low-Level Bus Voltage (Dominant State)
TXD LOW, VLIN = 40 mA
VDOM
0.0
1.4
V
High-Level Voltage (Recessive State)
TXD HIGH, IOUT = 1.0 µA
VREC
0.85 VSUP
V
Internal Pullup Resistor to VSUP (4)
-40°C
≤ T
A ≤ 70°C
70°C < TA ≤ 125°C
RPU
20
35
30
49
47
60
k
Current Limitation
TXD LOW, VLIN = VSUP
ILIM
50
150
200
mA
Leakage Current to GND
Recessive State, VSUP - 0.3 V ≤ VLIN ≤ VSUP
(4)
VSUP Disconnected, -18 V ≤ VLIN ≤ 18 V (Excluding Internal Pullup
Source)
VSUP Disconnected, VLIN = -18 V (Including Internal Pullup Source)
VSUP Disconnected, VLIN = +18 V (Including Internal Pullup Source)
ILEAK
0.0
-40
-600
15
10
40
µA
LIN Receiver, Low-Level Input Voltage
TXD HIGH, RXD LOW
VLINL
0 VSUP
0.4 VSUP
V
LIN Receiver, High-Level Input Voltage
TXD HIGH, RXD HIGH
VLINH
0.6 VSUP
VSUP
V
LIN Receiver Threshold Center
(VLINH - VLINL) / 2
VLINTH
VSUP/2
V
LIN Receiver Input Voltage Hysteresis
VLINH - VLINL
VLINHYS
0.05 VSUP
0.15 VSUP
V
LIN Wake-Up Threshold Voltage
VLINWU
3.5
4.5
6.0
V
INH OUTPUT PIN
High-Level Voltage (Normal Mode)
VWUH
VSUP -0.8
VSUP
V
Leakage Current (Sleep Mode)
0 < VINH < VSUP
ILEAK
0
5.0
µA
WAKE INPUT PIN
Typical Wake-Up Threshold (EN = 0 V, 7.0 V
≤ V
SUP ≤ 18 V)
(5)
HIGH-to-LOW Transition
LOW-to-HIGH Transition
VWUTH
0.3 VSUP
0.4 VSUP
0.43 VSUP
0.55 VSUP
0.55 VSUP
0.65 VSUP
V
Wake-Up Threshold Hysteresis
VWUHYS
0.1 VSUP
0.16 VSUP
0.2 VSUP
V
WAKE Input Current
VWAKE ≤ 14 V
VWAKE > 14 V
IWU
1.0
5.0
100
µA
Notes
4.
A diode structure is inserted with the pullup resistor to avoid parasitic current path from LIN to VSUP.
5.
When VSUP is greater than 18 V, the wake-up voltage thresholds remain identical to the wake-up thresholds at 18 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, -40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33399EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33390EF FREESCALE-MCZ33390EF Datasheet
416Kb / 15P
   Class B Serial Transceiver
MCZ33390EFR2 FREESCALE-MCZ33390EFR2 Datasheet
416Kb / 15P
   Class B Serial Transceiver
MCZ33395EW FREESCALE-MCZ33395EW Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
MCZ33395EWR2 FREESCALE-MCZ33395EWR2 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
More results

Similar Description - MCZ33399EFR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
logo
Texas Instruments
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com