Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33395EW Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCZ33395EW
Description  Three-Phase Gate Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33395EW Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33395EW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33395
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
GATE DRIVE CIRCUITS
The gate drive outputs (GDH1, GDH2, etc.) supply the
peak currents required to turn ON and hold ON the
MOSFETs, as well as turn OFF and hold OFF the MOSFETs.
CHARGE PUMP
The current capability of the charge pump is sufficient to
supply the gate drive circuit’s demands when PWMing at up
to 28 kHz. Two external charge pump capacitors and a
reservoir capacitor are required to complete the charge
pump’s circuitry.
Charge reservoir capacitance is a function of the total
MOSFET gate charge (QG) gate drive voltage level relative to
the source (VGS) and the allowable sag of the drive level
during the turn-on interval (VSAG). CRES can be expressed by
the following formula:
For example, for QG = 60 nC, VGS = 14 V, VSAG = 0.2 V:
Proper charge pump capacitance is required to maintain,
and provide for, adequate gate drive during high demand
turn-ON intervals. Use the following formula to determine
values for CP1 and CP2:
For example, for the above determination of CRES =
0.15
µF:
By averaging these two values, the proper CPn value can
be determined:
CP1 and CP2 =(0.0075 µF + 0.015 µF) ÷ 2 = 0.01 µF
THERMAL SHUTDOWN FUNCTION
The device has internal temperature sensing circuitry
which activates a protective shutdown function should the die
reach excessively elevated temperatures. This function
effectively limits power dissipation and thus protects the
device.
OVERVOLTAGE SHUTDOWN FUNCTION
When the supply voltage (VIGN) exceeds the specified
over- voltage shutdown level, the part will automatically shut
down to protect both internal circuits as well as the load.
Operation will resume upon return of VIGN to normal
operating levels.
LOW VOLTAGE RESET FUNCTION
When the logic supply voltage (VDD) drops below the
minimum voltage level or when the part is initially powered
up, this function will turn OFF and hold OFF the external
MOSFETs until the voltage increases above the minimum
voltage level required for normal operation.
CONTROL LOGIC
The control logic block controls when the low-side and
high-side drivers are enabled. The logic implements the Truth
Table found in the specification and monitors the M0, M1,
PWM, CL, OT, OV, LSE, and HSE pins. Note that the drivers
are enabled 3
µs after the PWM edge. During complimentary
chop mode the high-side and low-side drives are alternatively
enabled and disabled during the PWM cycle. To prevent
shoot-through current, the high-side drive turn-on is delayed
by tD1, and the low-side drive turn on is delayed by tD2 (see
Figure 4, page 8).
Note that the drivers are disabled during an
overtemperature or overvoltage fault. A flip-flop keeps the
drive off until the following PWM cycle. This prevents erratic
operation during fault conditions. The current limit circuit also
uses a flip-flop for latching the drive off until the following
PWM cycle.
Note PWM must be toggled after POR, Thermal Limit, or
overvoltage faults to re-enable the gate drivers.
VGDH
The VGDH pin is used to provide a gate drive signal to a
reverse battery protection MOSFET. If reverse battery
protection is desired, VIGN would be applied to the source of
an external MOSFET, and the drain of the MOSFET would
then deliver a "protected" supply voltage (VIGNP) to the three
phase array of external MOSFETs as well as the supply
voltage to the VIGNP pin of the IC.
In a reverse polarity event (e.g., an erroneous installation
of the system battery), the VGDH signal will not be supplied to
the external protection MOSFET, and the MOSFET will
remain off and thus prevent reverse polarity from being
applied to the load and the VIGNP supply pin of the IC.
HIGH-SIDE GATE DRIVE CIRCUITS
Outputs GDH1, GDH2, and GDH3 provide the elevated
drive voltage to the high-side external MOSFETs (HS1, HS2,
and HS3; see Figure 5, page 13). These gate drive outputs
supply the peak currents required to turn ON and hold ON the
high-side MOSFETs, as well as turn OFF the MOSFETs.
These gate drive circuits are powered from an internal charge
pump, and therefore compensate for voltage dropped across
the load that is reflected to the source-gate circuits of the
high-side MOSFETs.
LOW-SIDE GATE DRIVE CIRCUITS
Outputs GDL1, GDL2, and GDL3 provide the drive voltage
to the low-side external MOSFETs (LS1, LS2, and LS3; see
CRES =
QG x VGS
2 x VGS x VSAG - VSAG
2
CRES =
(60 nC) x (14 V)
2 x (14 V) x (0.2 V) - (0.2)2
= 0.15
µF
CRES
20
< CP1 = CP2 <
10
CRES
0.15
µF
20
= 0.075
µF, lower limit; and
10
0.15
µF
= .015
µF, upper lim


Similar Part No. - MCZ33395EW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33390EF FREESCALE-MCZ33390EF Datasheet
416Kb / 15P
   Class B Serial Transceiver
MCZ33390EFR2 FREESCALE-MCZ33390EFR2 Datasheet
416Kb / 15P
   Class B Serial Transceiver
MCZ33399EF FREESCALE-MCZ33399EF Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
MCZ33399EFR2 FREESCALE-MCZ33399EFR2 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
More results

Similar Description - MCZ33395EW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com