Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN130-200D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN130-200D
Description  N-channel TrenchMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN130-200D Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN130-200D Datasheet HTML 1Page - NXP Semiconductors PSMN130-200D Datasheet HTML 2Page - NXP Semiconductors PSMN130-200D Datasheet HTML 3Page - NXP Semiconductors PSMN130-200D Datasheet HTML 4Page - NXP Semiconductors PSMN130-200D Datasheet HTML 5Page - NXP Semiconductors PSMN130-200D Datasheet HTML 6Page - NXP Semiconductors PSMN130-200D Datasheet HTML 7Page - NXP Semiconductors PSMN130-200D Datasheet HTML 8Page - NXP Semiconductors PSMN130-200D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
August 1999
2
Rev 1.000
Philips Semiconductors
Product specification
PSMN130-200D
N-channel TrenchMOS(TM) transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Very low on-state resistance
V
DSS = 200 V
• Fast switching
• Low thermal resistance
I
D = 20 A
R
DS(ON) ≤ 130 mΩ
GENERAL DESCRIPTION
PINNING
SOT428 (DPAK)
SiliconMAX products use the latest
PIN
DESCRIPTION
Philips
Trench
technology
to
achieve
the
lowest
possible
1
gate
on-state
resistance
in
each
package at each voltage rating.
2
drain
1
Applications:-
3
source
• d.c. to d.c. converters
• switched mode power supplies
tab
drain
The PSMN130-200D is supplied in
the
SOT428
(Dpak)
surface
mounting package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
200
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-
200
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
mb = 25 ˚C; VGS = 10 V
-
20
A
T
mb = 100 ˚C; VGS = 10 V
-
14
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
80
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
150
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
1
2
3
tab
1 It is not possible to make connection to pin 2 of the SOT428 package.


Similar Part No. - PSMN130-200D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
150Kb / 12P
   N-channel TrenchMOS transistor
August 1999
logo
Inchange Semiconductor ...
PSMN130-200D ISC-PSMN130-200D Datasheet
250Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN130-200D NEXPERIA-PSMN130-200D Datasheet
904Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04 - 20 December 2010
logo
NXP Semiconductors
PSMN130-200D PHILIPS-PSMN130-200D_15 Datasheet
331Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-20 December 2010
More results

Similar Description - PSMN130-200D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com