Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPG2010TB Datasheet(PDF) 3 Page - California Eastern Labs

Part No. UPG2010TB
Description  HIGH POWER SINGLE CONTROL L-BAND SPDT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

UPG2010TB Datasheet(HTML) 3 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25°C, VDD = 2.8 V, Vcont = 2.8 V/0 V, DC blocking capacitors = 56 pF, unless otherwise specified)
STANDARD CHARACTERISTICS FOR REFERENCE
(TA = +25°C, VDD = 2.8 V, Vcont = 2.8 V/0 V, DC blocking capacitors = 51 pF, unless otherwise specified)
Note Pin (0.1 dB) is the measured input power level when the insertion loss increases 0.1 dB more than that of linear
range.
Caution It is necessary to use DC blocking capacitors with the device.
The value of DC blocking capacitors should be chosen to accommodate the frequency of operation,
bandwidth, switching speed and the condition with actual board of your system. The range of recommended
DC blocking capacitor value is less than 100 pF.
UPG2010TB
UPG2010TB
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 1
LINS1
f = 0.5 to 1.0 GHz
0.25
0.45
dB
Insertion Loss 2
LINS2
f = 2.0 GHz
0.30
0.50
dB
Isolation 1
ISL1
f = 0.5 to 2.0 GHz
24
28
dB
Input Return Loss
RLin
f = 0.5 to 2.5 GHz
15
20
dB
Output Return Loss
RLout
f = 0.5 to 2.5 GHz
15
20
dB
0.1 dB Gain Compression
Input Power Note
Pin (0.1 dB)
f = 1.0 GHz
+31.5
+33.0
dBm
2nd Harmonics
2f0
f = 1.0 GHz, Pin = +30.5 dBm
65
75
dBc
3rd Harmonics
3f0
f = 1.0 GHz, Pin = +30.5 dBm
65
75
dBc
Supply Current
IDD
50
100
μ
A
Switch Control Current
Icont
4
20
μ
A
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 3
LINS3
f = 2.5 GHz
0.35
dB
Isolation 2
ISL2
f = 2.5 GHz
25
dB
Switch Control Speed
tSW
1
μ
s


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn