Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33291EG Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCZ33291EG
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33291EG Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33291EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33291
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Output OFF Open Load Detect Current (21)
Output Programmed OFF, VOUT = 0.6 VDD
IOCO
30
50
100
µA
Output Clamp Voltage
2.0 mA < IOUT < 200 mA
VOK
45
53
65
V
Output Leakage Current (VDD < 2.0 V)
(22)
IOUT(LKG)
-25
0
25
µA
Overtemperature Shutdown (Outputs OFF) (23)
TLIM
155
180
°C
Overtemperature Shutdown Hysteresis (23)
TLIM(HYS)
10
20
°C
DIGITAL INTERFACE
Input Logic High Voltage (24)
VIH
0.7
1.0
VDD
Input Logic Low Voltage (24)
VIL
0
0.2
VDD
Input Logic Threshold Hysteresis (SCLK, RST, and SFPD) (25)
VI(HYS)
50
100
500
mV
SI Pull-Up Current (SI = 0 V)
ISI
0
10
20
µA
CS
Pull-Up Current (CS = 0 V)
ICS
0
10
20
µA
SCLK Pull-Down Current (SCLK = 5.0 V)
ISCLK
0
10
20
µA
RST
Pull-Down Current (RST = 5.0 V)
IRST
5.0
25
50
µA
SFPD Pull-Down Current (SFPD = 5.0 V)
ISFPD
5.0
10
25
µA
SO High-State Output Voltage (IOH = 1.0 mA)
VSOH
VDD - 0.4 V VDD - 0.2 V
V
SO Low-State Output Voltage (IOL = -1.6 mA)
VSOL
0.2
0.4
V
SO Tri-State Leakage Current (CS = 0.7 VDD, 0 V < VSO < VDD)
ISOT
-10
0
10
µA
Input Capacitance (0 V < VDD < 5.5 V)
(26)
CIN
12
pF
SO Tn-State Capacitance (0 V < VDD < 5.5 V)
(27)
CSOT
20
pF
Notes
21.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded to be OFF.
22.
Output leakage current measured with the output OFF and at 16 V.
23.
This parameter is guaranteed by design, but it is not production tested.
24.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, RST, and SFPD inputs.
25.
Hysteresis is characterized, but it is not production tested.
26.
Input capacitance of SI CS, SCLK, RST, and SFPD for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production
tested.
27.
Tri-state capacitance of SO for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V VDD 5.5 V, 9.0 V VPWR 16 V, -40°C TA 125°C, unless otherwise noted.
Typical values noted reflect the approximate value with VBAT = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33291EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33291EG FREESCALE-MCZ33291EG Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MCZ33291EG NXP-MCZ33291EG Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
MCZ33291EGR2 FREESCALE-MCZ33291EGR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MCZ33291EGR2 NXP-MCZ33291EGR2 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results

Similar Description - MCZ33291EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com