Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33291L Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33291L
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33291L Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33291L
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 4.5 V VDD 5.5 V, 9.0 V VPWR 16 V, -40°C TA 125°C, unless otherwise noted.
Typical values noted reflect the approximate value with VBAT = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Quasi-Functional (14)
Fully Operational
VPWR(QF)
VPWR(FO)
5.5
9.0
9.0
26.5
V
Supply Current (All Outputs ON, IOUT = 0.5 A)
VPWR(ON)
1.0
2.0
mA
Sleep State Supply Current at RST
≤ 0.2 V
DD and/or VDD < 0.5 V
IPWR(ON)
1.0
2.5
µA
Sleep State Output Leakage Current (Per Output, RST = 0 V)
IPWR(SS)
1.0
2.5
µA
Overvoltage Shutdown
VOV
28
32
36
V
Overvoltage Shutdown Hysteresis (15)
VOV(HYS)
0.2
0.8
1.5
V
Logic Supply Voltage
VDD
4.5
5.5
V
Logic Supply Current (16)
RST
≥ 0.7 V
DD
RST
≤ 0.5 V
IDD
1.0
4.0
25
mA
µA
Logic Supply Undervoltage Lockout Threshold (17)
VDD(UVLO)
2.5
3.5
V
POWER OUTPUT
Drain-to-Source ON Resistance (IOUT = 0.5 A, TJ - 25°C)
VPWR = 5.5 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
0.6
0.55
2.0
1.2
1.0
Drain-to-Source ON Resistance (IOUT = 0.5 A, TJ - 150°C)
VPWR = 5.5 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
1.2
1.0
3.0
1.6
1.2
Output Self-Limiting Current
Outputs Programmed ON, VOUT = 0.6 VDD
IOUT(LIM)
1.0
2.0
3.0
A
Output Fault Detect Threshold (18)
Output Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Output OFF Open Load Detect Current (19)
Output Programmed OFF, VOUT = 0.6 VDD
IOCO
30
50
100
µA


Similar Part No. - 33291L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - 33291L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com