Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNPO1R5G025T1 Datasheet(PDF) 6 Page - Sharma Electro Components,Inc

Part # SNPO1R5G025T1
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SNPO1R5G025T1 Datasheet(HTML) 6 Page - Sharma Electro Components,Inc

Back Button SNPO1R5G025T1 Datasheet HTML 2Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 3Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 4Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 5Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 6Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 7Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 8Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 9Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 10Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SY5V Series
APPLICATION:
FEATURES:
GENERAL SPECIFICATIONS:
The SY5V series has a relatively high K
• High capacitance values
Operating temperature: -30 to +85 °C
temperature compensating type of capaci-
Temperature coefficient: -82% to +22% value
tance dielectric. The electrical properties
• Miniature size
change over operating temperature
can vary widely under changing temperature,
Capacitance tolerance: ±20% standard,
voltage, and time conditions. They are
• Low and high voltage options
-20%/ +80% optional
suitable for all general purpose applications
Capacitance range: 2200pF to 10uF
where higher capacitance values are required.
• Available in bulk and tape & reel
Voltage range: 10V to 500V DC
Best when used in non-critical, room temper-
packaging
Dielectric withstanding voltage: 2 times
ature stable conditions with low DC bias.
the working VDC for 5 seconds
Suitable for de-coupling applications in stable
• Low cost for high capacitance
Case code range: 0402 to 3035
temperature conditions.
• Consistent dimensions and surface finish
Note: See Reliability and Test Conditions
page for more specifications
• Nickel barrier terminations
Y5V DIELECTRIC CAPACITANCE RANGE Tolerance: (M) standard Optional: (Z)
Voltage(DC)
0402
0603
0805
1206
1210
1808
1812
2220
2225
3012
3035
6.3V
10V
.01-.1uF
.27-1uF
.27-3.3uF
16V
.01-.1uF
.27-1uF
.27-3.3uF
.27-6.8uF
.1-10uF
25V
.01-.056uF
.047-.47uF
.01-2.2uF
.01-3.3uF
.1-10uF
.15-3.3uF
.68-4.7uF
1-10uF
50V
.01-..033uF
.01-.22uF
.01-.68uF
.01-2.2uF
.1-3.3uF
.15-2.2uF
.68-3.3uF
1-6.8uF
100V
2200pF-.068uF
.01-.22uF
4700pF-1uF
.22-2.2uF
.01-.82uF
.01-2.2uF
.01-2uF
6800pF-1.5uF
200V
4700pF-.068uF
.01-.056uF
.01-.47uF
.01-.39uF
4700pF-.39uF
.01-.47uF
.01-.68uF
6800pF-1uF
250V
.01-.056uF
.01-.47uF
.01-.39uF
4700pF-.39uF
.01-.47uF
.01-.68uF
6800pF-1uF
500V
.012-.047uF
1KV
2KV
3KV
4KV
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
Voltage/Case Code Options
FIGURE
3.1
FIGURE
3.2
FIGURE
3.3
FIGURE
3.4
Y5V Characteristic Graphs
Sharma Ceramic Capacitors
Page 6
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
The temperature
coefficient
characteristics of Y5V is
illustrated in Figure 3.1.
Figure 3.2 illustrates the
variation pattern of
Dissipation Factor with
respect to temperature.
The DC Voltage
coefficient and aging
pattern are illustrated in
Figure 3.3 and 3.4
respectively.


Similar Part No. - SNPO1R5G025T1

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO1R5C050B0 SHARMA-SNPO1R5C050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050B1 SHARMA-SNPO1R5C050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050B2 SHARMA-SNPO1R5C050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050T0 SHARMA-SNPO1R5C050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050T1 SHARMA-SNPO1R5C050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SNPO1R5G025T1

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com