Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACE4.7M50V6.3X6.3TR13F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACE4.7M50V6.3X6.3TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACE4.7M50V6.3X6.3TR13F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACE4.7M50V6.3X6.3TR13F Datasheet HTML 1Page - NIC-Components Corp. NACE4.7M50V6.3X6.3TR13F Datasheet HTML 2Page - NIC-Components Corp. NACE4.7M50V6.3X6.3TR13F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size D
φ ±0.5 L max. A ±0.2 B ±0.2 I ±0.2
W
P ±0.2
3 x 5.5
3.0
5.5
3.3
3.3
1.5
0.45 ~ 0.8
0.6
4 x 5.5
4.0
5.5
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5 x 5.5
5.0
5.5
5.3
5.3
2.1
0.5 ~ 0.8
1.4
6.3 x 5.5
6.3
5.5
6.6
6.6
2.5
0.5 ~ 0.8
2.2
6.3 x 6.3
6.3
6.3
6.6
6.6
2.5
0.5 ~ 0.8
2.2
6.3 x 8
6.3
8.0
6.6
6.6
2.5
0.5 ~ 0.8
2.2
8 x 6.5
8.0
6.5
8.3
8.3
3.4
0.5 ~ 0.8
2.2
8 X 10.5
8.0
10.5
8.3
8.3
2.9
0.7 ~ 1.0
3.2
10 x 8
10.0
8.0
10.3
10.3
3.2
0.7 ~ 1.4
4.6
10 x 10.5
10.0
10.5
10.3
10.3
3.2
0.7 ~ 1.4
4.6
12.5 x 14
12.5
14.0
12.8
12.8
4.5
0.6 ~ 1.4
4.6
16 x 17
16.0
17.5
17.0
17.0
5.5
0.9 ~ 1.5
6.7
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
*Items available in optional 10% tolerance
Surface Mount Aluminum Electrolytic Capacitors NACE Series
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
DIMENSIONS (mm)
Cap
(
µF) Code
Working Voltage (Vdc)
4.0
6.3
10
16
25
35
50
63
100
0.1
R10
-
-
-
-
-
-
3X5.5
4X5.5*
4X5.5*
-
0.22
R22
-
-
-
-
-
-
3X5.5
4X5.5*
4X5.5*
-
0.33
R33
-
-
-
-
-
-
3X5.5
4X5.5*
4X5.5*
-
0.47
R47
-
-
-
-
-
-
3X5.5
4X5.5*
4X5.5*
-
1.0
1R0
-
-
-
-
-
-
3X5.5
4X5.5*
4X5.5*
4x6.3*
2.2
2R2
-
-
-
-
-
3X5.5
4X5.5*
4X5.5*
6.3x6.3*
3.3
3R3
-
-
-
-
-
3X5.5
4X5.5*
5X5.5*
6.3x6.3*
8x6.5
4.7
4R7
-
-
-
-
3X5.5
4X5.5
4X5.5*
5X5.5*
5X5.5*
6.3x6.3*
10
100
-
-
-
3X5.5
4X5.5*
5X5.5
5X5.5*
6.3X5.5*
6.3X5.5*
6.3x8*
15
150
-
3X5.5
-
-
-
-
-
-
-
22
220
3X5.5
3X5.5
4X5.5*
5X5.5*
5X5.5*
6.3X5.5
6.3X5.5*
6.3X6.3*
8x6.5
6.3X8*
8x10.5*
33
330
4X5.5*
5X5.5*
5X5.5*
6.3X5.5*
6.3X5.5
6.3X6.3*
8x6.5
6.3X8*
8x6.5
8x10.5*
10x10.5*
47
470
4X5.5*
5X5.5*
6.3X5.5
6.3X5.5*
6.3X6.3
6.3X6.3*
8x6.5
6.3X8*
8x10.5*
12.5x14
68
680
5X5.5*
6.3X5.5*
6.3X5.5*
6.3X5.5*
6.3X6.3
6.3X8
8x10.5*
-
-
100
101
5X5.5*
6.3X5.5*
6.3X5.5*
6.3X5.5*
8x6.5
6.3X8
8x6.5
6.3X8
8x10.5*
10x10.5*
-
150
151
6.3X5.5*
6.3X5.5*
6.3X6.3*
6.3X8*
8x10.5*
8x10.5*
10x8*
-
-
16x17
220
221
6.3X5.5*
6.3X6.3*
6.3X8*
8x6.5
6.3X8*
8x10.5
10x8
8x10.5
10x10.5
12.5x14
-
330
331
6.3X6.3
6.3X8*
8x6.5
8x10.5*
8x10.5
10x8
8x10.5
10x10.5
12.5x14
-
-
470
471
6.3X8*
8x10.5
8x10.5
10x8
8x10.5
10x10.5
12.5x14
16x17
16x17
-
680
681
-
10x8*
-
10x10.5*
-
12.5x14
-
-
-
1000 102
10X8
8x10.5*
10x10.5*
-
12.5x14
-
16x17
-
-
1500 152
-
10x10.5*
-
12.5x14
-
16x17
-
-
-
2200 222
-
-
12.5x14
-
16x17
-
-
-
-
3300 332
-
12.5x14
-
16x17
-
-
-
-
-
4700 472
-
-
16x17
-
-
-
-
-
-
6800 682
-
16x17
-
-
-
-
-
-
-


Similar Part No. - NACE4.7M50V6.3X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEN NIC-NACEN Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K104X5.5TR13F NIC-NACEN100K104X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K105X5.5TR13F NIC-NACEN100K105X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K106.3X5.5TR13F NIC-NACEN100K106.3X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K164X5.5TR13F NIC-NACEN100K164X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACE4.7M50V6.3X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com