Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33198 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33198 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33198
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 20 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SRC PIN 1
Leakage Current
ILSRC
-10
-
10
µA
DRN PIN 2
Threshold Current
ITHR
54
81
102
µA
DRN Leakage, Input Off, VCC Pin Open
ILEAK
-
-
10
µA
GATE PIN 4
Output On Voltage at 1ms (Charge Pump ON)
VON
Vcc + 7.0
Vcc+15
V
Turn Off Current
with NO Over VDS condition and VOUT >0.5V
with Over VDS condition and VOUT >0.5V
IOUTN
IOUTW
70
5.0
110
10
150
15
µA
µA
Output Off Voltage.
(Charge Pump OFF and VCC Pin Open)
VOFF
0.0
-
0.9
V
Gate Discharge Current. (VCC Pin Open)
IOFF
-
5.0
-
µA
Turn On Time
Cl = 25nF ; 7.0V < VCC < 10V ; VOUT > VCC+7.0
Cl = 25nF ; 10V < VCC < 20V ; VOUT > VCC+10
TON
-
-
-
-
-
1.0
1.0
ms
VCC PIN 5
Supply Voltage Range
VCC
7.0
-
20
V
Quiescent Supply Current ; In = 0V
at VCC = 7.0V
at VCC = 20V
ICCQ
-
-
1.8
2.8
4.0
6.0
mA
Supply Current ; In = 5.0V
ICC
1.0
-
35
mA
Over Voltage Threshold
VOV
22
28
34
V
Under Voltage Threshold
VUR
-
6.0
7.0
V
STATUS PIN 6
Output Voltage @ I = 1mA
VOL
0.1
0.4
1.5
V
INPUT Pin 7
Input Low Voltage
VIL
-
-
1.5
V
Input High Voltage
VIH
3.5
-
-
V
Input Hysteresis
VHYS
0.8
-
-
V
Input Pull Down Resistor. VIN >11V
RIN
20
36
100
k
Open Input Voltage
VIOP
-
-
1.0
V


Similar Part No. - 33198

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
3319 BOURNS-3319 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
logo
Heyco.
3319 HEYCO-3319 Datasheet
75Kb / 1P
   Lockit™ Cable Holders - Arrowhead Mount
logo
Freescale Semiconductor...
33199 FREESCALE-33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Bourns Electronic Solut...
3319P-2-103 BOURNS-3319P-2-103 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
More results

Similar Description - 33198

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
   Automotive Quad Low Side Driver
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com