Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN063-150D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN063-150D
Description  N-channel TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN063-150D Datasheet(HTML) 9 Page - NXP Semiconductors

  PSMN063-150D Datasheet HTML 1Page - NXP Semiconductors PSMN063-150D Datasheet HTML 2Page - NXP Semiconductors PSMN063-150D Datasheet HTML 3Page - NXP Semiconductors PSMN063-150D Datasheet HTML 4Page - NXP Semiconductors PSMN063-150D Datasheet HTML 5Page - NXP Semiconductors PSMN063-150D Datasheet HTML 6Page - NXP Semiconductors PSMN063-150D Datasheet HTML 7Page - NXP Semiconductors PSMN063-150D Datasheet HTML 8Page - NXP Semiconductors PSMN063-150D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Philips Semiconductors
PSMN063-150D
N-channel enhancement mode field-effect transistor
Product data
Rev. 03 — 31 October 2001
9 of 12
9397 750 08594
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
6.
Package outline
Fig 15. SOT428 (D-PAK).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT428
TO-252
SC-63
98-04-07
99-09-13
0
10
20 mm
scale
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads
(one lead cropped)
SOT428
E
b2
D1
wA
M
bc
b1
L1
L
13
2
D
E1
HE
L2
Note
1. Measured from heatsink back to lead.
e1
e
A
A2
A
A1
y
seating plane
mounting
base
A1
(1)
D
max.
b
D1
max.
E
max.
HE
max.
w
y
max.
A2
b2
b1
max.
c
E1
min.
ee1
L1
min.
L2
L
A
max.
UNIT
DIMENSIONS (mm are the original dimensions)
0.2
0.2
mm
2.38
2.22
0.65
0.45
0.89
0.71
0.89
0.71
1.1
0.9
5.36
5.26
0.4
0.2
6.22
5.98
4.81
4.45
2.285
4.57
10.4
9.6
0.5
0.7
0.5
6.73
6.47
4.0
2.95
2.55


Similar Part No. - PSMN063-150D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN063-150D PHILIPS-PSMN063-150D Datasheet
279Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 03-31 October 2001
PSMN063-150D NXP-PSMN063-150D Datasheet
238Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 December 2009
logo
VBsemi Electronics Co.,...
PSMN063-150D VBSEMI-PSMN063-150D Datasheet
973Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PSMN063-150D NEXPERIA-PSMN063-150D Datasheet
738Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04 - 17 December 2009
More results

Similar Description - PSMN063-150D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com