Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8190K-E1-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC8190K-E1-A
Description  RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8190K-E1-A Datasheet(HTML) 3 Page - California Eastern Labs

  UPC8190K-E1-A Datasheet HTML 1Page - California Eastern Labs UPC8190K-E1-A Datasheet HTML 2Page - California Eastern Labs UPC8190K-E1-A Datasheet HTML 3Page - California Eastern Labs UPC8190K-E1-A Datasheet HTML 4Page - California Eastern Labs UPC8190K-E1-A Datasheet HTML 5Page - California Eastern Labs UPC8190K-E1-A Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Applied
Pin
Functions and Applications
Internal Equivalent Circuits
Pin
Pin
Voltage
Voltage
No.
Name
(V)
(V)
1
Vcont
0 to 3.0
-
Gain control pin of AGC amplifier.
Variable gains are available in accordance
with applied voltage.
2
N.C.
-
-
Non connection.
19
This pin is not connected to internal circuit.
This pin should be opened or grounded.
3
LO
-
-
Local signal input pin of I/Q demodulator.
Input frequency is 760 MHz.
4
LOb
-
-
Bypass pin of local signal input for I/Q
demodulator.
In the case of single local input, this pin must be
decoupled with capacitor ex. 100 to 1 000 pF.
5
GND
0
-
Ground pin of I/Q demodulator.
6
(Demod.)
This pin should be grounded with minimum
inductance.
Form the ground pattern as widely as possible to
minimize ground impeadance.
7
Qb
-
-
I/Q/Ib/Qb signal output pins.
8
Q
-
-
Each pin is an emitter follower.
9
Ib
-
-
Each of Ib and Qb is differential output of I and Q.
10
I
-
-
Recommendable load impedance is 10 to 20 kΩ.
11
VCC
2.7 to 3.3
-
Supply voltage pin of I/Q demodulator
(Demod.)
(phase shifter + I/Q Mixer).
12
TEST 1
0
-
TEST pin.
In actual use, this pin should be grounded.
13
TEST 2
0
-
14
GND
0
-
Ground pin of AGC amplifier and
18
(AGC,
internal regulator.
REG.)
This pin should be grounded with
minimum inductance.
Form the ground pattern as widely as
possible to minimize ground impedance.
PIN FUNCTIONS (Pin Voltage is measured at VCC = 3.0 V)
1
54 k
12 k
5 k
VCC
VCC
GND
50
50
3
4
VCC
GND
8.5 k
7
8
9
10
UPC8190K


Similar Part No. - UPC8190K-E1-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8190K-E1 NEC-UPC8190K-E1 Datasheet
58Kb / 5P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
Renesas Technology Corp
UPC8190K-E1 RENESAS-UPC8190K-E1 Datasheet
292Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results

Similar Description - UPC8190K-E1-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8194K NEC-UPC8194K Datasheet
61Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
UPC8191K CEL-UPC8191K Datasheet
168Kb / 7P
   TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
logo
RF Micro Devices
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
   W-CDMA RECEIVE AGC AND DEMODULATOR
logo
Fujitsu Component Limit...
FAR-F6KA-2G1400-D4CG FUJITSU-FAR-F6KA-2G1400-D4CG Datasheet
216Kb / 5P
   W-CDMA I (2G) Rx
logo
RF Micro Devices
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
   W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com