Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8158K Datasheet(PDF) 2 Page - NEC

Part # UPC8158K
Description  AGC/UP-CONVERTER WITH IQ MODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 2 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PIN EXPLANATIONS
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
5.0
VPS/VAGC
Power Save & AGC Control
V
5.0
PD
Power Dissipation2
mW
430
TA
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Note:
1. Operation in excess of any one of these conditions may result in
permanent damage.
2. TA = +85º C
PART NUMBER
UPC8158K
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VCC
Supply Voltage
V
2.7
3.0
4.0
VPS
Power Save Voltage
V
0
0.3
VAGCPS
AGC Control Voltage
V
1.0
2.5
TA
Operating Ambient Temp.
°C
-30
+25
+80
fRFout
Upconv. RF Output Freq.
MHz
800
1500
fLO2in
LO2 Input Frequency
MHz
600
1750
fI/Qin
I/Q Input Frequency
MHz
DC
10
PLO1in
LO1 Input Level
dBm
-18
-15
-12
PLO2in
LO2 Input Level
dBm
-18
-15
-12
VI/Qin
I/Q Input Amplitude
mVP-P
420
500
fUPCONin
Upconverter Input Freq.
fMODout
Modulator Output Freq.
MHz
100
300
fLO1in
LO1 Input Frequency
RECOMMENDED
OPERATING CONDITIONS
PIN
SYMBOL
SUPPLY
PIN
FUNCTION AND APPLICATION
EQUIVALENT CIRCUIT
NO.
VOLTAGE (V)
VOLTAGE (V)
Input for I signal. This input impedance
is 200 k
Ω. In the case of that I/Q input
signals are single ended, amplitude of
the signal 500 m VP-P max.
Input for I signal. This input impedance
is 200 k
Ω. In the case of that I/Q input
signals are single ended,Vcc/2 biased
DC signal should be input. In the case of
the I/Q input signals are differential,
amplitude of the signal is 500 m VP-P
max.
1
lin
Vcc/2
2
linb
Vcc/2
3
N.C.
4
Qinb
Vcc/2
5
Qin
Vcc/2
6
N.C.
7
N.C.
8
N.C.
9
LO1inb
2.98
10
LO1in
2.98
11
Vcc
2.7 to 4.0
This pin is not connected to internal
circuit. This pin should be opened or
grounded.
Input for Q signal. This input impedance
is 200 K
Ω. In the case of that I/Q input
signals are single ended, amplitude of
the signal is 500 m VP-P max.
Input for I signal. This input impedance
is 200 k
Ω. In the case of that I/Q input
signals are single ended,Vcc/2 biased
DC signal should be input. In the case of
the I/Q input signals are differential,
amplitude of the signal is 500 m VP-P
max.
These pins is not connected to internal
circuit. These pins should be opened or
grounded.
Bypass pin of modulator's local input.
This pin should be decoupled with 330
pF capacitor.
Local signal for modulator. This pin must
be coupled with DC cut capacitor 330 pF
and should be terminated with 51
resistor
Supply Voltage pin modulator, up-
converter and AGC circuits.
UPC8158K
1
2
4
5
9
10


Similar Part No. - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com