Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8119T Datasheet(PDF) 2 Page - NEC

Part # UPC8119T
Description  1.9 GHz AGC AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8119T Datasheet(HTML) 2 Page - NEC

  UPC8119T Datasheet HTML 1Page - NEC UPC8119T Datasheet HTML 2Page - NEC UPC8119T Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pin No.
Symbol
Pin Voltage
Description
Equivalent Circuit
1IN
2
GND
0
3
4
Out
5VCC
2.7~3.3
6VAGC
0~3.3
SYMBOLS
PARAMETERS
UNITS
MIN
TYP MAX
VCC
Supply Voltage
V
2.7
3.0
3.3
VAGC
Gain Control Voltage
V
0.6
-
2.4
TOP
Operating Temperature
°C
-40
25
+85
PIN
Input Level
dBm
-
-
-181
f
Operating Frequency
MHz
100
-
1900
IAGC
AGC Pin Drive Current
mA
0.5
-
-
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
3.6
VAGC
Gain Control Voltage
V
3.6
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
UPC8119T
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage.
RECOMMENDED OPERATING CONDITIONS
PIN FUNCTIONS
5
2
3
6
Ground pin. This pin must be connected to
system ground. Form ground pattern as wide
as possible to minimize ground impedance.
RF output pin. The output is an open
collector with high impedance. External
matching circuit is required.
Supply voltage pin. This pin should be
connected with a bypass capacitor (e.g.,
1000 pF) to minimize ground impedance.
Gain Control pin. The gain slope vs.
increasing AGC voltage is summarized
below:
5
4
1
2
3
Device
Gain Slope vs. VAGC
UPC8119T
Down
RF input pin. Input RF signal with 50 Ω source
impedance through a coupling capacitor. External
matching circuit is not required.
Same as
VCC through
external
inductor
Note:
1. Padj ≤ -60 dBc @ ∆f = ± 50 kHz.
Wave form condition: π/4 QPSK modulation signal,
data rate = 42 kbps, roll off ratio = 0.5, PN9 pattern.


Similar Part No. - UPC8119T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8119T NEC-UPC8119T Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC8119T NEC-UPC8119T Datasheet
371Kb / 40P
   -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
California Eastern Labs
UPC8119T CEL-UPC8119T Datasheet
720Kb / 4P
   NECs VARIABLE GAIN AMPLIFIER
logo
Renesas Technology Corp
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
logo
NEC
UPC8119T-E3 NEC-UPC8119T-E3 Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
More results

Similar Description - UPC8119T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
   1.9 GHz Power Amplifier
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
   For 1.9 GHz - Power Amplifier
logo
Eudyna Devices Inc
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
   1.9 GHz band Power Amplifier Module
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
   1.9 ~ 2.5 GHz Band Power Amplifier
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
logo
Eudyna Devices Inc
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
   1.9 GHz band Power Amplifier Module
logo
Motorola, Inc
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
   1.9 GHz GaAs LOW NOISE AMPLIFIER
logo
Mitsubishi Electric Sem...
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
   For 1.9 GHz - High Power Amplifier
logo
Eudyna Devices Inc
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
   1.9 GHz band Power Amplifier Module
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com