Electronic Components Datasheet Search |
|
SZ5U1R5G200B0 Datasheet(PDF) 7 Page - Sharma Electro Components,Inc |
|
SZ5U1R5G200B0 Datasheet(HTML) 7 Page - Sharma Electro Components,Inc |
7 / 12 page SZ5U Series APPLICATION: FEATURES: GENERAL SPECIFICATIONS: The SZ5U series has a high K temperature • High capacitance values Operating temperature: +10 to +85 °C compensating type of capacitance dielectric. The Temperature coefficient: -56% to +22% value electrical properties of this dielectric changes • Miniature size change over operating temperature considerably under changing temperature, voltage Capacitance tolerance: ±20% standard, and time conditions. High capacitance values • Low and high voltage options -20%/ +80% optional are available for general purpose applications. Capacitance range: 1000pF to 10uF Well suited for filtering, transient suppression • Available in bulk and tape & reel Voltage range: 10V to 1KV DC blocking, and charge storage requirements. packaging Dielectric withstanding voltage: 2 times the working VDC for 5 seconds • Low cost for high capacitance Case code range: 0603 to 3035 • Consistent dimensions and surface finish Note: See Reliability and Test Conditions page for more specifications • Nickel barrier terminations Z5U DIELECTRIC CAPACITANCE RANGE Tolerance: (M) Standard Optional: (Z) Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 6.3V 10V .18-.22uF .18-.47uF 16V .18-.22uF .18-.47uF .18-2.2uF .01-4.7uF 25V .01-.22uF .01-1uF .01-2.2uF .01-4.7uF .15-3.3uF .68-4.7uF 1-10uF 50V .01-.1uF .01-.68uF .01-1uF .01-2.2uF .15-2.2uF .68-3.3uF 1-6.8uF 100V .01-.22uF .01-.47uF .01-1uF .1-2.2uF 200V .01-.1uF .01-.22uF 250V 500V .01-.047uF .01-.1uF 1KV 1000-4700pF 1000pF-.01uF 2KV 3KV 4KV Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval. Voltage/Case Code Options FIGURE 4.1 FIGURE 4..2 FIGURE 4.3 FIGURE 4..4 Z5U Characteristic Graphs Sharma Ceramic Capacitors Page 7 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 The temperature coefficient characteristics of Z5U is illustrated in Figure 4.1. Figure 4.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and aging pattern are illustrated in Figure 4.3 and 4.4 respectively. |
Similar Part No. - SZ5U1R5G200B0 |
|
Similar Description - SZ5U1R5G200B0 |