Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8110GR Datasheet(PDF) 4 Page - NEC

Part # UPC8110GR
Description  1 GHz QUADRATURE MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8110GR Datasheet(HTML) 4 Page - NEC

  UPC8110GR Datasheet HTML 1Page - NEC UPC8110GR Datasheet HTML 2Page - NEC UPC8110GR Datasheet HTML 3Page - NEC UPC8110GR Datasheet HTML 4Page - NEC UPC8110GR Datasheet HTML 5Page - NEC UPC8110GR Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF OUTPUT POWER vs.
I/Q INPUT SIGNAL
I/Q Input Signal, PI/QIN (mVP-P)
0
500
400
300
200
100
-25
-20
-15
-10
-5
VCC = 3.0 V
Single ended
LOCAL INPUT FREQUENCY vs.
PRFOUT, LOL, IMR, IM3I/Q
Local Input Frequency, fLO (MHz)
ImR
LOL
IM3I/Q
PRFOUT
-30
-35
-40
-45
-50
-55
700
1100
1000
900
800
-5
-10
-15
-20
-25
-30
ImR
LOL
IM3I/Q
PRFOUT
-30
-35
-40
-45
-50
-55
-15
-5
-10
-5
-10
-15
-20
-25
-30
ImR
LOL
IM3I/Q
PRFOUT
-30
-35
-40
-45
-50
-55
-15
-5
-10
-5
-10
-15
-20
-25
-30
TYPICAL SINE WAVE MODULATION
OUTPUT SPECTRUM
<PDC> 42 kbps, RNYQ
α = 0.5, MOD PATTERN [0000]
∆MARKER
-10.50 kHz
-47.36 dB
2
1
IM3I/Q
3
LOL
ImR
POUT
REF 0.0 dBm
ATT 1OdB A_write B_blank
∆MARKER
-10.50 kHz
RBW
300Hz
VBW
300 Hz
SWP
1.2 s
CENTER 948.00000 MHz
SPAN 50.0 kHz
1
2
3
4
REF Level
0 dBm
10 dB/
ATT 1OdB A_write B_blank
ADJ BS
21 kHz
RBW 3 kHz
VBW 3 kHz
SWP 5 s
CENTER 948.00000 MHz
SPAN 50.0 kHz
UPC8110GR
LOCAL INPUT POWER vs.
PRFOUT, LOL, IMR, IM3I/Q
Local Input Power, LO (dBm)
I/Q BIAS VOLTAGE vs.
PRFOUT, LOL, IMR, IM3I/Q
I/Q Supply Voltage,I/Q (DC) (V)
Padj (dB)
Marker
No. 1: 947.90 MHz
-78.0 dB
∆f = -100 kHz
No. 2: 947.95 MHz
-67.0 dB
∆f = -50 kHz
No. 1: 948.05 MHz
-70.3 dB
∆f = +50 kHz
No. 2: 948.10 MHz
-77.8 dB
∆f = +100 kHz
TYPICAL
π/4DQPSK MODULATION
OUTPUT SPECTRUM
<PDC> 42 kbps, RNYQ
α = 0.5, MOD PATTERN [0000]
TYPICAL PERFORMANCE CURVES Unless Otherwise Specified, (TA = +25°C, VCC = VPS = 3 V, I/Q DC offset =
1.5 V, I/Q Input Signal = 500 mVp-p (Single ended), fI/Q = 2.625 kHz, fLOIN = 948 MHz, PLOIN = -10 dBm, <PDC>Transmission
Speed: 42 kbps, RNYQ: a = 0.5.)


Similar Part No. - UPC8110GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
More results

Similar Description - UPC8110GR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com