Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNPO1R5C200B0 Datasheet(PDF) 3 Page - Sharma Electro Components,Inc

Part # SNPO1R5C200B0
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SNPO1R5C200B0 Datasheet(HTML) 3 Page - Sharma Electro Components,Inc

  SNPO1R5C200B0 Datasheet HTML 1Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 2Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 3Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 4Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 5Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 6Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 7Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 8Page - Sharma Electro Components,Inc SNPO1R5C200B0 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Parameter
Specification
Test Method
Capacitance
Within tolerance specified in
Class(I)
the part number
C
≤1000 pF: 1 MHz. ±10%
Dissipation Factor
Class(I)
0.5 to 5 V rms
(Tan d and Q)
C<30 pF: Q
≥400+20xC
C>1000 pF: 1 KHz. ±10%
C30 pF: Q>1000
1.0 ±0.2 V rms
Class(II)
Class(II)
X7R: DF
≤3%, Z5U:
1 KHz. ±10%, 1.0 ±0.2 V rms
DF
≤3%, Y5V: DF≤5%
Insulation Resistance
C
≤50,000 IR: >10 G Ohms
Apply rated voltage fro 60
(IR)
C
≤50,000 IR: >500 Ohms.F
seconds at room temperature
and normal humidity
(70% max.)
Dielectric
There shall be no evidence
Apply rated voltage (Class I) or
Withstanding Voltage
of damage or flash over
2.5 x rated voltage (Class II) to
during the test.
both terminations for 5
seconds. Charge and
discharge current are less hat
50 mA.
Termination
No mechanical damage
After soldering capacitor on
Adherence
the glass-epoxy PWB, 50 gms
of steady pull is applied in
direction of arrow for 10
seconds. ( See Figure 1)
Bend Strength
No mechanical damage
After soldering capacitor on
the glass-epoxy PWB, 2 mm
of bending shall be applied for
10 seconds as shown in the
drawing. ( See Figure 2)
Life Test (High
Class (I):
Temperature Loading
No more than ±3% or ±0.3
test) - Capacitance
pf which ever is more.
Apply 2 x rated voltage at
Change
Class(II):
maximum operating
X7R: ±10% max.
temperature for 1000 hours.
Z5U, Y5V: ±30% max.
The surge current shall not
Life Test (High
Class(I)
exceed 50 mA. After this, the
Temperature Loading
C<10 pF: Q
≥200+10xC
samples shall be kept in room
test) - DF or Q
10 pF
≤ C < 30 pF
temperature for 24 hours
Q
≥275+2xC:
(Class I) or 48 hours (class II)
C>30 pF: Q>350
and then measured for the
Class(II)
parameters indicated.
X7R: DF
≤5%
Z5U & Y5V: DF
≤7.5%
Life Test (High
1000 M Ohms or 50 Ohms.F
Temperature Loading
whichever is less
test) - IR
Parameter
Specification
Test Method
Moisture Resistance
Class (I):
Test - Capacitance
No more than ±5% or ±0.5 pf
change
which ever is more.
The capacitor shall be
Class(II):
subjected to 40 °C and 90 to
X7R: ±10% max.
95% RH for 500 hours. After this,
Z5U & Y5V: ±30% max.
samples shall be
Moisture Resistance
Class(I)
kept in room temperature for
Test - Q or DF
C<10 pF: Q
≥200+10xC
24 hrs. (Class I) or 48 hrs.
10 pF
≤ C < 30 pF
(Class II), and them shall be
Q
≥275+2xC:
measured (Class I) or 48
C
≥30 pF: Q≥350
hours (Class II) and then
Class(II)
measured for the parameters
X7R: DF
≤5%
indicated.
Z5U & Y5V: DF
≤7.5%
Moisture Resistance
1000 M Ohms or 50 Ohms.F
Test - IR
whichever is less
Humidity Load Test -
Class (I):
Capacitance change
No more than ±7.5% or ±0.75
The capacitor shall be
pf which ever is more.
subjected to rated voltage at
Class(II):
40 °C and 90 to 95 % RH for
X7R: ±12.5% max.
500 hours. Surge current shall
Z5U, Y5V: ±30% max.
not exceed 50 mA. After this,
Humidity Load Test
Class(I)
samples shall be kept in room
Q or DF
C<30 pF: Q
≥ 100+3xC
temperature for 24 hrs. (Class I)
C
≥ 30 pF: Q≥200
or 48 hours (Class II), and
Class(II)
them shall be measured
X7R: DF
≤5%
(Class I) or 48 hours (Class II)
Z5U & Y5V: DF
≤7.5%
and then measured for the
Humidity Load Test -
500 M Ohms or 25 Ohms.F
parameters indicated.
IR
whichever is less
Temperature Cycling
Class (I):
Perform 5 cycles as follows:
Test - Capacitance
No more than ±2.5% or ±0.25
1. Room temperature dwell for
change
pf which ever is more.
15 minutes.
Class(II):
2. Minimum operating
X7R: ±7.5% max.
temperature dwell for 30
Z5U, Y5V: ±20% max.
minutes.
Temperature Cycling
Parts to meet the initial
3. Room temperature dwell for
Test - Q or DF
specifications
30 minutes.
Temperature Cycling
Parts to meet the initial
4. Maximum operating
Test - IR
specifications
temperature dwell for 30
minutes.
After the above testing
condition, samples shall be
kept in room temperature for
24 hrs. (Class I) or 48 hours
(Class II), and them shall be
measured (Class I) or 48 hours
(class II) and then measured
for the parameters indicated.
Solderability
Termination area shall be at
The capacitors are completely
least 75% covered with a new
immersed for
10 ±0.5 seconds
solder coating. There shall be
in the molten solder with a
no crack and ceramic
temperature of 2
60±5°C solder.
exposure of terminated
Cladding material of outer-
surface due to melting.
electrode: Sn (~100%)
Resistance to Solder
No more than ±2.5% or ±0.25
The capacitors are completely
Heat Test -
pf which ever is more.
immersed for 10 ±1.0 seconds
Capacitance Change
Class(II):
in the molten solder with a
X7R: ±7.5% max.
temperature of 270±5°C solder.
Z5U, Y5V: ±20% max.
Preheat before immersion,
Resistance to Solder
Parts to meet the initial
1. 80 to 100 °C for 2 minutes
Heat Test - Q or DF
specifications
2. 150 to 180 °C for 2 minutes
Resistance to Solder
Parts to meet the initial
The capacitance measurement
Heat Test - IR
specifications
shall be made after the
samples have been kept at
room temperature for 24 hours.
Figure 1
Figure 2
Reliability and Test Conditions
First symbol
Second symbol
Third Symbol
(a letter)
(a number)
(a letter)
Z
+10 deg. C
2
+45 deg. C
A
+1.0%
Y
-30 deg. C
4
+65 deg. C
B
+/- 1.5%
X
-55 deg. C
5
+85 deg. C
C
+/- 2.2%
6
+105 deg. C
D
+/- 3.3%
7
+125 deg. C
E
+/- 4.7%
F
+/- 7.5%
P
+/- 10.0%
R
+/- 15.0%
S
+/- 22.0%
T
+22%, -33%
U
+22%, -56%
V
+22%, -82%
Class II Dielectric Code Explanation
Low temperature
requirement
High Temperature
requirement
MAX. Capacitance change over
temperature
Sharma Ceramic Capacitors
Page 3
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SNPO1R5C200B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO1R5C200B0 SHARMA-SNPO1R5C200B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SNPO1R5C200B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com