Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX7R471K100B0 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SX7R471K100B0
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SX7R471K100B0 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SX7R471K100B0 Datasheet HTML 1Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 2Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 3Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 4Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 5Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 6Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 7Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 8Page - Sharma Electro Components,Inc SX7R471K100B0 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Quick Reference
Series
Features
Page
Multilayer Chip Type
SNPO
0402-3035 Case Sizes 6.3 - 4KV
4
SX7R
0402-3035 Case Sizes 6.3 - 4KV
5
SY5V
0402-3035 Case Sizes 10 - 500V
6
SZ5U
0402-3035 Case Sizes 10 - 1KV
7
Multilayer Radial Leaded Type
RNPO
2.5/5.0mm Lead Spacing 25 - 100V
8
RX7R
2.5/5.0mm Lead Spacing 25 - 100V
RY5V
2.5/5.0mm Lead Spacing 25 - 63V
RZ5U
2.5/5.0mm Lead Spacing 25 - 63V
Multilayer Axial Leaded Type
ANPO
5mm Body Length 50 - 100V
9
AX7R
5mm Body Length 50 - 100V
AZ5U
5mm Body Length 50 - 100V
Sharma Ceramic Capacitors
Page 1
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SX7R471K100B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SX7R471C050B0 SHARMA-SX7R471C050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050B1 SHARMA-SX7R471C050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050B2 SHARMA-SX7R471C050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050T0 SHARMA-SX7R471C050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050T1 SHARMA-SX7R471C050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SX7R471K100B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com