Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSG102M50V8X20TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSG102M50V8X20TRF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG102M50V8X20TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSG102M50V8X20TRF Datasheet HTML 1Page - NIC-Components Corp. NRSG102M50V8X20TRF Datasheet HTML 2Page - NIC-Components Corp. NRSG102M50V8X20TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
138
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
139
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
MAXIMUM IMPEDANCE (mΩ AT 100KHz/20°C)
MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105°C)
Cap (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
6.8
-
-
-
-
-
-
-
1400
15
-
-
-
-
-
-
880
570
22
-
-
-
-
-
340
-
-
27
-
-
-
-
-
-
-
360
33
-
-
-
-
300
-
350
-
39
-
-
-
-
-
-
-
250
47
-
-
-
300
-
140
-
240
56
-
-
300
-
130
-
220
190
68
-
-
-
-
-
-
-
180
82
-
-
-
-
-
-
160
130
150
130
100
-
300
-
130
-
74
-
120
120
-
-
130
-
-
61
120
94
110
150
300
-
-
-
72
61
-
-
180
-
-
-
-
-
46
80
71
82
220
-
130
-
72
56
42
73
63
53
71
270
-
-
-
-
41
30
60
52
53
69
330
130
-
72
56
38
28
43
46
53
390
-
-
-
-
-
-
-
41
49
470
-
72
56
41
23
27
39
33
53
38
45
39
560
72
-
-
-
22
28
33
30
32
31
680
-
56
41
23
21
21
29
28
53
38
38
820
56
-
-
23
-
23
26
-
31
1000
53
41
23
21
18
21
21
-
38
25
1200
41
23
23
-
16
-
19
-
38
18
20
1500
23
23
21
18
-
-
18
-
1800
-
-
-
16
16
-
-
-
18
2200
23
21
18
-
-
-
-
-
2700
-
-
16
16
-
-
-
-
18
3300
21
18
-
-
-
-
-
-
3900
18
16
16
-
-
-
-
-
18
4700
16
-
-
-
-
-
-
-
5600
18
16
-
-
-
-
-
-
6800
16
-
-
-
-
-
-
-
Cap (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
6.8
-
-
-
-
-
-
-
125
15
-
-
-
-
-
-
165
205
22
-
-
-
-
-
238
-
-
27
-
-
-
-
-
-
-
355
33
-
-
-
-
250
-
265
-
39
-
-
-
-
-
-
-
450
47
-
-
-
250
-
385
-
450
56
-
-
250
-
405
-
500
565
68
-
-
-
-
-
-
-
580
82
-
-
-
-
-
-
665
750
685
735
100
-
250
-
405
-
724
-
880
120
-
-
405
-
-
950
820
1045
945
150
250
-
-
-
760
979
-
-
180
-
-
-
-
-
1190
1100
1195
1135
220
-
405
-
760
995
1370 1300
1410
1030
1295
270
-
-
-
-
1250 1580 1495
1560
1600
1470
330
405
-
760
995
1430 1870 1850 1700
1030
390
-
-
-
-
-
-
-
1750
1620
470
-
760
995 1250
1820 2050
2250 1890
1030 1430
1990 1775
560
760
-
-
-
2150 2410
2450 2080
2550 2060
680
-
995 1250
1820 2360 2360
2780
2570
1030 1430
2450
820
995
-
-
1820
-
2730
2810
-
2780
1000
1030
1250
1820 2360 2770 3010
2835
-
1430
3270
1200
1250
1820 1820
-
3290
-
3340
-
1430
3140
3310
1500
1820 1820 2360 2770
-
-
3420
-
1800
-
-
-
3290
3460
-
-
-
3140
2200
1820 2360 2770
-
-
-
-
-
2700
-
-
3290
3460
-
-
-
-
3140
3300
2360 2770
-
-
-
-
-
-
3900
2770
3290
3460
-
-
-
-
-
3140
4700
3290
-
-
-
-
-
-
-
5600
3140 3460
-
-
-
-
-
-
6800
3460
-
-
-
-
-
-
-
NRSG Series
Miniature Aluminum Electrolytic Capacitors


Similar Part No. - NRSG102M50V8X20TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG102M50V16x25F NIC-NRSG102M50V16x25F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRSG102M50V8X20TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com